Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 56 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 52Page - STMicroelectronics VX6854LC Datasheet HTML 53Page - STMicroelectronics VX6854LC Datasheet HTML 54Page - STMicroelectronics VX6854LC Datasheet HTML 55Page - STMicroelectronics VX6854LC Datasheet HTML 56Page - STMicroelectronics VX6854LC Datasheet HTML 57Page - STMicroelectronics VX6854LC Datasheet HTML 58Page - STMicroelectronics VX6854LC Datasheet HTML 59Page - STMicroelectronics VX6854LC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
Video timing
VX6854LC
56/114
DocID027110 Rev 2
The host must ensure the following rules are kept:
•
the end address must be greater than the start address
•
the x and y start addresses are restricted to even numbers only, and the x and y end
addresses are restricted to odd numbers only, to ensure that there is always a even
number of pixels readout
6.1.2
Programmable width and height for output image data
The x_output_size and y_output_size registers are not intended as the primary cropping
controls.
They are intended to define the position of the LE/FE codes in the CCP data frame so that
the sensor does not need to calculate this based on region of interest or sub-sampling
settings. It should be expected that the host will set the output sizes to exactly enclose the
output image data. If the host should not do this, the VX6854LC will treat the output sizes as
being calculated from the top left hand corner of the output array. So in the case where
output sizes are smaller than the output data, the data shall be cropped from its right hand
and lower limits. In the case where larger than the output data, the lines shall be padded out
to the defined output size with undefined data.
Figure 15. Output size within a CCP data frame
Note:
CCP2 requires that the number of pixels between the line start and line end sync codes for:
•
RAW8 is a multiple of 4 pixels
•
RAW10 is a multiple of 16 pixels
The host must control the x_output_size to ensure that the above criteria is met.
6.1.3
Scaling
The VX6854LC module is compliant with the “Profile Level 2 - Full (Horizontal & Vertical)”
level of image scaling.
The image scaling function within the sensor module provides a flexible way of generating
lower resolution full field of view image data, at a reduced data rates, for viewfinder and
video applications.
CCP output active line length
Interframe padding
x_output_size
Output data
FE
FS
Embedded data lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com