Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 47 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 43Page - STMicroelectronics VX6854LC Datasheet HTML 44Page - STMicroelectronics VX6854LC Datasheet HTML 45Page - STMicroelectronics VX6854LC Datasheet HTML 46Page - STMicroelectronics VX6854LC Datasheet HTML 47Page - STMicroelectronics VX6854LC Datasheet HTML 48Page - STMicroelectronics VX6854LC Datasheet HTML 49Page - STMicroelectronics VX6854LC Datasheet HTML 50Page - STMicroelectronics VX6854LC Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
DocID027110 Rev 2
47/114
VX6854LC
Register map
69
4.21
Image scaling parameter limit registers [0x1200 to 0x12FF]
4.22
Image compression parameter registers [0x1300 to 0x13FF]
4.23
Color matrix registers [0x1400 to 0x14FF]
Table 32. Image scaling parameter limit registers [0x1200 to 0x12FF]
Index
Byte
Register name
Data type Default Type
Comment
0x1200 Hi
scaling_capablility
16UI
00.02
RO
VX6854LC supports Full (horizontal &
vertical) scaling.
0x1201 Lo
0x1204 Hi
scale_m_min
16UI
00.10
RO
Down scale factor:
Minimum M value = 16
0x1205 Lo
0x1206 Hi
scale_m_max
16UI
00.81
RO
Down scale factor:
Maximum M value = 129
0x1207 Lo
0x1208 Hi
scale_n_min
16UI
00.10
RO
Down scale factor:
Minimum N value = 16
0x1209 Lo
0x120A Hi
scale_n_max
16UI
00.10
RO
Down scale factor:
Maximum N value = 16
0x120B Lo
Table 33. Image compression parameter limit registers [0x1300 to 0x13FF]
Index
Byte
Register name
Data type Default Type
Comment
0x1300 Hi
compression_capablility
16UI
00.01
RO
VX6854LC supports DPCM/PCM
compression
0x1301 Lo
Table 34. Color matrix registers [0x1400 to 0x14FF]
Index
Byte
Register name
Data type Default Type
Comment
0x1400 Hi
matrix_element_RedInRed
16SR
01.00
RO
Color matrix parameter for Red in Red
0x1401 Lo
0x1402 Hi
matrix_element_GreenInRed
16SR
00.00
RO
Color matrix parameter for Green in
Red
0x1403 Lo
0x1404 Hi
matrix_element_BlueInRed
16SR
00.00
RO
Color matrix parameter for Blue in Red
0x1405 Lo
0x1406 Hi
matrix_element_RedInGreen
16SR
00.00
RO
Color matrix parameter for Red in
Green
0x1407 Lo
0x1408 Hi
matrix_element_GreenInGreen
16SR
01.00
RO
Color matrix parameter for Green in
Green
0x1409 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com