Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 97 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 97 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 93Page - STMicroelectronics VX6854LC Datasheet HTML 94Page - STMicroelectronics VX6854LC Datasheet HTML 95Page - STMicroelectronics VX6854LC Datasheet HTML 96Page - STMicroelectronics VX6854LC Datasheet HTML 97Page - STMicroelectronics VX6854LC Datasheet HTML 98Page - STMicroelectronics VX6854LC Datasheet HTML 99Page - STMicroelectronics VX6854LC Datasheet HTML 100Page - STMicroelectronics VX6854LC Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 114 page
background image
DocID027110 Rev 2
97/114
VX6854LC
NVM contents
102
12
NVM contents
The sensor has the following contents in the NVM:
•
revision and traceability data
•
defect data (used on-chip, described in Section 11.2)
•
lens shading 4 channel radial corrector data (used on-chip, described in Section 11.3)
•
sensitivity data (to be used by the host)
12.1
Sensitivity data
This data is not used by the sensor but can be used by the host to calibrate the AWB
system.
The sensitivity data is measured at FMT for each device for one color temperature D65
(Fluorescent Phillips Graphica Pro 965). Each of the four color channel values are recorded.
The 10-bit average of the central 10% of the image (10% of image width, 10% of image
height) is recorded, the pedestal is included in the value. The on board lens shading
correction is disabled. The analog gain is set to x1.
12.2
NVM map
The sensor must be in software standby to read the NVM.
In order to read the NVM the following registers must be programmed.
0x3E04 = 1 - Power-up the NVM
0x3640 = 0 - Access NVM register space
The registers should be reset after reading the NVM to the following:
0x3E04 = 0 - Power-down the NVM
0x3640 = 1 - Disable access to NVM register space
Table 68. NVM map
Index
Data
transfer
page &
page
value
Bit number
Comments
7654
3210
0xFC00
0,0
0x00
Not used
0xFC01
0,1
0x00
0xFC02
0,2
0x00
0xFC03
0,3
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com