Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 76 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 76 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics VX6854LC Datasheet HTML 74Page - STMicroelectronics VX6854LC Datasheet HTML 75Page - STMicroelectronics VX6854LC Datasheet HTML 76Page - STMicroelectronics VX6854LC Datasheet HTML 77Page - STMicroelectronics VX6854LC Datasheet HTML 78Page - STMicroelectronics VX6854LC Datasheet HTML 79Page - STMicroelectronics VX6854LC Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
Electrical characteristics
VX6854LC
76/114
DocID027110 Rev 2
7.7.2
CCP interface - timing characteristics
The parameters in Table 59 are measured across a terminated 100
Ω transmission line.
CCP2_signalling_mode
register is set to 1, data/strobe mode.
Figure 28. SubLVDS AC timing
For further information on the CCP refer to the specification document: SMIA 1.0 Part 2:
CCP2 Specification 30-6-04.
Table 59. CCP interface - timing characteristics
Symbol
Parameter
Min.
Max.
Unit
Fp
Average data frequency
-
640
Mbits/s
Tp
Average data period
1.56
-
ns
Tjitter
(1)
1.
TPmax-TPmin
Data period Jitter
-
200
ps
tstable
Both data and clock at the stable level
780
-
ps
Trise
Rise time of DATA+/DATA-
,CLK+/CLK-
300
400
ps
Tfall
Fall time of DATA+/DATA-,
CLK+/CLK-
300
400
ps
Tshew
(2)
2.
Tshew =Tcmpshew + Tchcshew
Total skew between signals
-
225
ps
tPWR
Power up/down time
-
20
μs
DATA+/
DATA-
CLK+/
CLK-
Tcmpshew
Tstable
Tchcshew
TPmin
TPmax
Tfall
Trise
80%
0.9V
20%
80%
0.9V
20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com