Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 13 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 9Page - STMicroelectronics VX6854LC Datasheet HTML 10Page - STMicroelectronics VX6854LC Datasheet HTML 11Page - STMicroelectronics VX6854LC Datasheet HTML 12Page - STMicroelectronics VX6854LC Datasheet HTML 13Page - STMicroelectronics VX6854LC Datasheet HTML 14Page - STMicroelectronics VX6854LC Datasheet HTML 15Page - STMicroelectronics VX6854LC Datasheet HTML 16Page - STMicroelectronics VX6854LC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
DocID027110 Rev 2
13/114
VX6854LC
Overview
69
1.1
VX6854LC use in system with hardware co-processor
The VX6854LC is an image sensor and it can be paired with the STMicroelectronics
STV0987 companion processor. The coprocessor and the sensor together form a complete
imaging system.
Figure 2 below illustrates a typical system using VX6854LC and STV0987.
Figure 2. VX6854LC in system with processor
The sensor main function is to convert the viewed scene into a data stream. The companion
processor function is to manage the sensor so that it can produce the best possible pictures
and to process the data stream into a form which is easily handled by up stream mobile
baseband or MMP (multi-media processor) chipsets.
The sensor supplies high speed clock signal to the processor and provides the embedded
control sequences which allow the co processor to synchronize with the frame and line level
timings. The processor then performs the color processing on the raw image data from the
sensor before supplying the final image data to the host.
With the coprocessor system the clock is sent by host to both the VX6854LC and the
coprocessor. The high-speed clock for the coprocessor is supplied from the VX6854LC. It is
generated using the VX6854LC PLL and is provided as the continuous data qualification
clock.
VX6854LC
CCP 2.0 Rx
CCP 2.0 Rx
Input Data I/F
Output coder
MUX
Bayer
Recon-
struction
Scaler
Color
Engine
Color
Engine
House
CCI
Master
CCI
Slave
Keeper
STV0987
Mobile BaseBand
XSHUT
DOWN
CCI
XSHUT
DOWN
CCI
CCP
imaging
CCI
CCP2 TX
Pixel array and
processes
EXTCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com