Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 82 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 82 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 78Page - STMicroelectronics VX6854LC Datasheet HTML 79Page - STMicroelectronics VX6854LC Datasheet HTML 80Page - STMicroelectronics VX6854LC Datasheet HTML 81Page - STMicroelectronics VX6854LC Datasheet HTML 82Page - STMicroelectronics VX6854LC Datasheet HTML 83Page - STMicroelectronics VX6854LC Datasheet HTML 84Page - STMicroelectronics VX6854LC Datasheet HTML 85Page - STMicroelectronics VX6854LC Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
Application
VX6854LC
82/114
DocID027110 Rev 2
9.2
Personality file
The personality file as specified in SMIA 1.0 Part 3.1:Software and application specification
is detailed below:
smia_personality_file_id : 2.9
date : 2010-Oct-15
manufacturer_id : 1
model_id : 854
revision_number : Silicon Cut2.1
setting : register_override
Matrix optimisation 7Aug2009 (D65)
matrix_element_RedInRed =
1.934
matrix_element_GrnInRed = -0.586
matrix_element_BluInRed = -0.348
matrix_element_RedInGrn = -0.401
matrix_element_GrnInGrn =
1.582
matrix_element_BluInGrn = -0.181
matrix_element_RedInBlu = -0.052
matrix_element_GrnInBlu = -0.635
matrix_element_BluInBlu =
1.687
0x1122 = 0x0002
// max_vt_sys_clk_div
0x111C = 0x44480000 // max_pll_op_freq = 800MHz
0x1500 = 0x0400
// fifo_capability = 1023 pixels
setting : register_reprogram_once
// Require to load the following files:
// VX6854LC_Cut2_Patch06.txt - fixes the GPH, dark cal and HFPN
bugs. Also sets the analog MSRs.
0x0B06 = 0x00 // single_defect_correct = disable -> This enables the
RingCorrect
0x0B07 = 0x80 // single_defect_correct_weight = auto
0x0B08 = 0x01 // couplet_correct = enable
0x0B09 = 0x4F
// couplet_correct_weight
0x0b83 = 0x00
// EDOF Sharpness
0x0b84 = 0x20
// EDOF Denoising
0x0b85 = 0x20
// EDOF Noise vs. details
0x0B88 = 0x8000
// edof_focus_distance = automatic from preview
0x317E = 0x11
// IQ av_r2_shift
0x317F = 0x09
// IQ av_slant_shift
//Additional settings if Binning disabled
N/A
//Additional settings for Binning 2x2
0x0383 = 0x03
// X-Odd Inc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com