Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 79 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 79 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 75Page - STMicroelectronics VX6854LC Datasheet HTML 76Page - STMicroelectronics VX6854LC Datasheet HTML 77Page - STMicroelectronics VX6854LC Datasheet HTML 78Page - STMicroelectronics VX6854LC Datasheet HTML 79Page - STMicroelectronics VX6854LC Datasheet HTML 80Page - STMicroelectronics VX6854LC Datasheet HTML 81Page - STMicroelectronics VX6854LC Datasheet HTML 82Page - STMicroelectronics VX6854LC Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
DocID027110 Rev 2
79/114
VX6854LC
Optical specification
80
8
Optical specification
8.1
Lens characteristics
Note:
The module IR filter cut-off wavelength is 650 nm.
Table 64. Lens design characteristics for first source lens supplier
Parameter
Value
4-element plastic lens
-
F/number
2.8
Effective focal length
3.26mm (primary wavelength 587.56 nm used)
Horizontal FOV
57.8
°
Closest focusing distance
<300 mm with DAF
Distortion
TV: -0.3 (typ)%
Absolute: <|1.0%| across whole field (by design)
Relative Illumination (lens only)
46% at 1.0 field.
Maximum illumination decrease over 10%
of image height. (lens only)
12%
Spectral weighting:
Wavlength (nm)
Weight
656.28
151
587.56
318
546.07
312
486.13
157
435.84
49
404.66
13
Lateral chromatic aberration from blue
(
λ=435nm) to red (λ=656nm)
< |1.8 um|
Coating reflectance - All surfaces are
coated. At least 50% of all surfaces must
fulfil this specification.
< 400nm
400 - 670nm
>670nm
No limitation
≤ 1.0% absolute, 0.35% avg
Straight line with a slope of < 3% /
100nm
Maximum chief ray angle
28.2
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com