Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 29 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 25Page - STMicroelectronics VX6854LC Datasheet HTML 26Page - STMicroelectronics VX6854LC Datasheet HTML 27Page - STMicroelectronics VX6854LC Datasheet HTML 28Page - STMicroelectronics VX6854LC Datasheet HTML 29Page - STMicroelectronics VX6854LC Datasheet HTML 30Page - STMicroelectronics VX6854LC Datasheet HTML 31Page - STMicroelectronics VX6854LC Datasheet HTML 32Page - STMicroelectronics VX6854LC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
DocID027110 Rev 2
29/114
VX6854LC
Register map
69
4
Register map
4.1
Status registers [0x0000 to 0x000F]
Table 12. Status registers [0x0000 to 0x000F]
Index
Byte
Register name
Data type Default Type
Comment
0x0000 Hi
model_id
16UI
03.56
RO
Camera model identifcation
0x0356 = 85410
(This value is derived from the NVM)
0x0001 Lo
0x0002
revision_number_major
8UI
02
RO
Revision identifier of the camera for
DCC change
00: Unprogrammed
01: ES1.0
02: ES2.0
(This value is derived from the NVM)
0x0003
manufacturer_id
8C
01
RO
Module manufacturer ID: ST
(This value is derived from the NVM)
0x0004
smia_version
8C
0A
RO
0x0A: SMIA 1.0
0x0005
frame_count
8UI
FF
RO
Frame count increments by 1 on each
frame. Rolls over at 255 to 0.
When moving from video to sleep the
frame count will be reset to 255.
The frame count will also be reset to 255
after a soft reset (register 0x0103).
0x0006
pixel_order
8C
00
RO
Color pixel readout order.
Defines the order of the colour pixel
readout. Changes with mirror and flip
(register 0x0101).
0x00 - GR/BG - normal
0x01 - RG/GB - horizontal mirror
0x02 - BG/GR - vertical flip
0x03 - GB/RG - vertical flip and
horizontal mirror
0x0008 Hi
data_pedestal
16UI
00.40
RO
The video data is offset by 64.
0x0009 Lo
0x000C
pixel_depth
8UI
0A
RO
Pixel data resolution.
0x0010
revision_number_minor
8UI
00
RO
Revision identifier of the camera for
minor changes
(This value is derived from the NVM)
0x0011
additional_spec_ver
8UI
06
RO
Additional specification identifier
0x0012
module_date_year
8UI
00
RO
Manufacturing year
(This value is derived from the NVM)
0x0013
module_date_month
8UI
00
RO
Manufacturing month
(This value is derived from the NVM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com