Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 92 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 92 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 88Page - STMicroelectronics VX6854LC Datasheet HTML 89Page - STMicroelectronics VX6854LC Datasheet HTML 90Page - STMicroelectronics VX6854LC Datasheet HTML 91Page - STMicroelectronics VX6854LC Datasheet HTML 92Page - STMicroelectronics VX6854LC Datasheet HTML 93Page - STMicroelectronics VX6854LC Datasheet HTML 94Page - STMicroelectronics VX6854LC Datasheet HTML 95Page - STMicroelectronics VX6854LC Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 114 page
background image
EDoF control
VX6854LC
92/114
DocID027110 Rev 2
10.5
EDoF and white balance
The EDoF reconstruction engine requires the white balance gains to be programmed by the
HOST (by I2C writes) to the color feedback register (0x0B8E to 0x0B95) of the sensor.
These gains are also used for the sensor adaptive lens shading correction if enabled. The
gains must be written to the sensor every time that the white balance gains change.
The white balance gains are required in both estimation and application modes.
The four HOST white balance gains to be programmed are listed in Table 67.
Table 67. Color feedback registers [0x0B8C - 0x0B95]
Index
Byte
Register name
Data type Default Type
Comment
0x0B8E Hi
host_WB_stats_green_red
16UR
01.00
RW
White balance gains to
be applied by the host.
These are used by the
EDOF and the adaptive
AV to estimate the color
temperature of the
scene.
0x0B8F Lo
0x0B90 Hi
host_WB_stats_red
16UR
01.00
RW
0x0B91 Lo
0x0B92 Hi
host_WB_stats_blue
16UR
01.00
RW
0x0B93 Lo
0x0B94 Hi
host_WB_stats_green_blue
16UR
01.00
RW
0x0B95 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com