Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 80 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 80 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 76Page - STMicroelectronics VX6854LC Datasheet HTML 77Page - STMicroelectronics VX6854LC Datasheet HTML 78Page - STMicroelectronics VX6854LC Datasheet HTML 79Page - STMicroelectronics VX6854LC Datasheet HTML 80Page - STMicroelectronics VX6854LC Datasheet HTML 81Page - STMicroelectronics VX6854LC Datasheet HTML 82Page - STMicroelectronics VX6854LC Datasheet HTML 83Page - STMicroelectronics VX6854LC Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
Optical specification
VX6854LC
80/114
DocID027110 Rev 2
8.2
Text, 1D and 2D code reading
The VX6854LC camera module features a Supermacro mode dedicated to business card
and text reading as well as barcode and 2D QR code reading using a monochrome image.
Figure 29. Examples of barcode and QR code
Note:
The above performances were achieved on VX6854LC in Supermacro mode through ST’s
image processing pipe and with standard mobile phone application QR decoder software.
Refer to the “EDoF application note” for recommendations on Host processing pipe tuning
for QR/Barcode reading.
Table 65: QR code (2D) resolution reading capability
Performances
Working distances (cm)
QR code 0.339 mm
25-28cm
QR code 0.4 mm
20-30cm
QR code 0.5 mm
15-30cm
QR code 0.6 mm
15-30cm
QR code 0.7 mm
15-30cm
QR code
Barcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com