Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 11 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 7Page - STMicroelectronics VX6854LC Datasheet HTML 8Page - STMicroelectronics VX6854LC Datasheet HTML 9Page - STMicroelectronics VX6854LC Datasheet HTML 10Page - STMicroelectronics VX6854LC Datasheet HTML 11Page - STMicroelectronics VX6854LC Datasheet HTML 12Page - STMicroelectronics VX6854LC Datasheet HTML 13Page - STMicroelectronics VX6854LC Datasheet HTML 14Page - STMicroelectronics VX6854LC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
DocID027110 Rev 2
11/114
VX6854LC
Overview
69
1
Overview
The VX6854LC image sensor produces raw 3.15 Mpixel digital video data at up to 20
frames per second.
The VX6854LC has both CCP2.0 and MIPI CSI-2 video data interfaces selectable over the
Camera Control Interface (CCI). The VX6854LC is compliant with the SMIA 1.0(b)
Specification Profile 2. The VX6854LC can also be used as Profile 0 or Profile 1 device. The
sensor supports full horizontal and vertical scaling and output frequency derating as defined
in the specification. The VX6854LC supports 2x2 binning modes which support frame rates
of 40 fps and 80 fps respectively.
The image data is digitized using an internal 10-bit column ADC. The resulting pixel data is
output as 8-bit, 10-bit or 10-8 bit compressed data and includes checksums and embedded
codes for synchronization. The interface conforms to both the CCP 2.0 and MIPI CSI-2
interface standards. The sensor is fully configurable through a CCI serial interface.
The module is available in a SMOP type package measuring 6.5 mm x 6.5 mm x 4.6 mm. It
is designed to be used with a board mounted SMIA65 socket.
Figure 1. VX6854LC camera module
b.
Including up to ECR0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com