Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 19 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 15Page - STMicroelectronics VX6854LC Datasheet HTML 16Page - STMicroelectronics VX6854LC Datasheet HTML 17Page - STMicroelectronics VX6854LC Datasheet HTML 18Page - STMicroelectronics VX6854LC Datasheet HTML 19Page - STMicroelectronics VX6854LC Datasheet HTML 20Page - STMicroelectronics VX6854LC Datasheet HTML 21Page - STMicroelectronics VX6854LC Datasheet HTML 22Page - STMicroelectronics VX6854LC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
DocID027110 Rev 2
19/114
VX6854LC
Functional description
69
3.4
Power management
VX6854LC requires a dual power supply. The analog circuits are powered by a nominal
2.8 V supply while the digital logic and digital I/O are powered by a 1.8 V supply. Different
sections of the sensor are powered depending on the system state. See Table 7 for details.
Table 6. Operating modes
Mode
Description
Power off
Power supplies are off.
Hardware standby
This is the lowest power consumption mode. CCI communications are not
supported in this mode. The clock input pad, PLL and the video blocks are
powered down. This state is entered by pulling the control pin
XSHUTDOWN down. All registers are returned to their default values.
Software standby
This mode preserves the contents of the CCI register map. CCI
communications are supported in this mode. The software standby mode is
selected using a serial interface command. If this state is entered from
hardware standby the data pads remain high impedance. If this state is
entered from streaming then the data pads go high impedance at the end
of the current frame. At this point the video block and PLL power down. The
internal video timing is reset to the start of a video frame in preparation for
the enabling of active video. The values of the serial interface registers like
exposure and gain are preserved. The system clock must remain active
when communicating with the sensor.
This state is entered by releasing the device from hard reset by: setting
XSHUTDOWN high, writing 0x00 to the mode control register (0x0100) or
commanding a soft reset by writing 0x01 to the software reset register
(0x0103). Note that after a soft reset or the transition of XSHUTDOWN to
high, all registers are returned to their default values.
Streaming
The VX6854LC streams live video. This mode is entered by writing 0x01 to
the mode control register (0x0100).
Table 7. Power management matrix
Mode
Functional block powered down
Video data
inhibit
CCI
Digital
PLL and
CLK pins
(1)
1.
PLL, CLK+ and CLK- pins
Output
pins
Analog
Hardware
standby
Yes
Yes
Yes
Yes
Yes
Yes
Software standby
No
Yes
Yes
Yes
Yes
Yes
Streaming
No
No
No
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com