Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 30 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 26Page - STMicroelectronics VX6854LC Datasheet HTML 27Page - STMicroelectronics VX6854LC Datasheet HTML 28Page - STMicroelectronics VX6854LC Datasheet HTML 29Page - STMicroelectronics VX6854LC Datasheet HTML 30Page - STMicroelectronics VX6854LC Datasheet HTML 31Page - STMicroelectronics VX6854LC Datasheet HTML 32Page - STMicroelectronics VX6854LC Datasheet HTML 33Page - STMicroelectronics VX6854LC Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 114 page
background image
Register map
VX6854LC
30/114
DocID027110 Rev 2
0x0014
module_date_day
8UI
00
RO
Manufacturing day
(This value is derived from the NVM)
0x0015
module_date_phase
8UI
01
RO
Manufacturing phase identification
00: TS
01: ES
02: CS
03: MP
(This value is derived from the NVM)
0x0016 Hi
sensor_model_id
16UI
03.56
RO
Silicon identification
0x0356 = 85410
0x0017 Lo
0x0018
sensor_revision_number
8UI
30
RO
Bits 3:0 NVM version
Bits 7:4 Silicon mask revsion
00: Cut1.0
10: Cut1.1
20: Cut2.0
30: Cut2.1
40: Cut2.2
(The value for bits[3:0] is derived from
the NVM)
0x0019
sensor_manufacturer_id
8C
01
RO
Silicon manufacturer ID:ST
0x001A
sensor_firmware_ver
8C
30
RO
Silicon firmware version
0x001C Hi
serial_number
32UI
00.00
00.00
RO
Serial number
(This value is derived from the NVM)
0x001D
0x001E
0x001F Lo
Table 12. Status registers [0x0000 to 0x000F] (continued)
Index
Byte
Register name
Data type Default Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com