Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 57 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 53Page - STMicroelectronics VX6854LC Datasheet HTML 54Page - STMicroelectronics VX6854LC Datasheet HTML 55Page - STMicroelectronics VX6854LC Datasheet HTML 56Page - STMicroelectronics VX6854LC Datasheet HTML 57Page - STMicroelectronics VX6854LC Datasheet HTML 58Page - STMicroelectronics VX6854LC Datasheet HTML 59Page - STMicroelectronics VX6854LC Datasheet HTML 60Page - STMicroelectronics VX6854LC Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
DocID027110 Rev 2
57/114
VX6854LC
Video timing
69
The scaler is able to scale the full resolution of the sensor module down to within 10% of a
the target image size (the smallest output size is 256x192). This flexibility means that the
VX6854LC module can support a wide range of LCD viewfinder sizes and different codec
resolutions.
The VX6854LC has three scaling modes which are controlled by the scaling_mode register
as shown in Figure 16.
Figure 16. Scaling modes
Scaler quality
The scaler supports two options for the spatial sampling of the scaled image data (see
Figure 17):
•
Bayer sampled scaled image data
The sampling point for the scaler for the output Gr value appears to be in the centre of
the Gr pixel (that is, between the first and second pixels and between the first and
second rows of the original input Bayer pixel data). The R (or B) sampling points are
similarly in the centre of the R pixel (or B pixel).
•
Co-sited scaled image data
The sampling point for the Gr, R. Gb and B vales in each output ‘quad’ are functions of
the same colour input array pixels such that the spatial sampling point for all four
appears to be in the centre of the ‘quad’, that is, between the second and third pixels
and between the first and second rows.
The spatial sampling mode is controlled by the spatial_sampling register.
Pixel array output
scaling_mode register
VX6854LC output
0- no scaling
1- horizontal scaling
2- Full scaling
(horizontal and vertical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com