Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 32 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 28Page - STMicroelectronics VX6854LC Datasheet HTML 29Page - STMicroelectronics VX6854LC Datasheet HTML 30Page - STMicroelectronics VX6854LC Datasheet HTML 31Page - STMicroelectronics VX6854LC Datasheet HTML 32Page - STMicroelectronics VX6854LC Datasheet HTML 33Page - STMicroelectronics VX6854LC Datasheet HTML 34Page - STMicroelectronics VX6854LC Datasheet HTML 35Page - STMicroelectronics VX6854LC Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
Register map
VX6854LC
32/114
DocID027110 Rev 2
4.4
Data format description registers [0x00C0 to 0x00FF]
The data format description registers specify which CCP data formats the SMIA camera
module supports. Specifically VX6854LC supports CCP RAW 8, 10-8 compressed and
RAW10.
0x008A Hi
analogue_gain_type
16UI
00.00
RO
Analogue gain type
0x008B Lo
0x008C Hi
analogue_gain_m0
16SI
00.00
RO
Analogue gain m0 constant.
m0 = 0
0x008D Lo
0x008E Hi
analogue_gain_c0
16SI
01.00
RO
Analogue gain c0 constant.
c0 = 256
0x008F Lo
0x0090 Hi
analogue_gain_m1
16SI
FF.FF
RO
Analogue gain m1 constant.
m1 =-1
0x0091 Lo
0x0092 Hi
analogue_gain_c1
16SI
01.00
RO
Analogue gain c1 constant
c1 = 256
0x0093 Lo
1.
For above gains of 0xE0, the step size is four. See Figure 26 on page 68 for gain values. This additional feature of the
VX6854LC is outside of the SMIA specification.
Table 14. Analogue gain description [0x0080 to 0x0097] (continued)
Index
Byte
Register name
Data type Default Type
Comment
Table 15. Data format description registers [0x00C0 to 0x00FF]
Index
Byte
Register name
Data type Default Type
Comment
0x00C0
data_format_model_type
8UI
01
RO
2-byte generic data format model.
Always 0x01
0x00C1
data_format_model_subtype
8UI
03
RO
Number of descriptors i.e. 3
0x00C2 Hi
data_format_descriptor_0
16UI
08.08
RO
Top 8-bits of internal pixel data
transmitted as RAW 8.
0x00C3 Lo
0x00C4 Hi
data_format_descriptor_1
16UI
0A.0A
RO
Top 10-bits of internal pixel data
transmitted as RAW 10.
0x00C5 Lo
0x00C6 Hi
data_format_descriptor_2
16UI
0A.08
RO
Compress top 10-bits of internal pixel
data to 8. Transmitted as RAW 8
mode.
0x00C7 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com