Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 71 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 67Page - STMicroelectronics VX6854LC Datasheet HTML 68Page - STMicroelectronics VX6854LC Datasheet HTML 69Page - STMicroelectronics VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics VX6854LC Datasheet HTML 74Page - STMicroelectronics VX6854LC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
DocID027110 Rev 2
71/114
VX6854LC
Electrical characteristics
80
7.2
Absolute maximum ratings
Caution:
Stresses above those listed under “Absolute maximum ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of the
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
7.3
Power supply
7.3.1
Power supply - VDIG, VANA
Table 49. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VDIGMAX
Digital power supply
-0.3
2.2
V
VANAMAX
Analog power supply
-0.3
3.2
V
VIHMAX
EXTCLK, XSHUTDOWN, SCL, SDA
-0.3
VDIG + 0.5
V
VCAP
VCAP analogue voltage
-0.3
4.2
V
TSTO
Storage temperature
-40
+ 85(1)
1.
This is a maximum long term standard storage temperature, see soldering profile for short term high
temperature tolerance.
oC
VESD
Electrostatic discharge model
Human body model (2)
Charge device model(3)
2.
HBM tests are performed in compliance with JESD22-A114F
3.
CDM tests are performed in compliance with JESD22-C101D
-2.0
-500
2.0
500
kV
V
Table 50. Power supplies VDIG, VANA
Parameter
Digital
Analogue
Unit
Typ.
Max.
Typ.
Max.
Hardware standby
10
30
10
40
µA
Software standby:
Ext. clock not switching
Ext. clock = 9.6MHz(1)
1.
The digital current scales linearly with the external clock frequency used.
7
10
20
25
0.6
0.6
1.0
1.0
mA
mA
Streaming:
Preview(2)
Capture Still(3)
2.
Profile 0, 30fps, 10-10 data, CSI-2, binning 2x2 image, EDoF estimation mode
3.
Profile 0, 15fps, 10-10 data, CSI-2, full resolution image, EDoF application mode
60
65
85
95
40
40
65
65
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com