Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 16 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 12Page - STMicroelectronics VX6854LC Datasheet HTML 13Page - STMicroelectronics VX6854LC Datasheet HTML 14Page - STMicroelectronics VX6854LC Datasheet HTML 15Page - STMicroelectronics VX6854LC Datasheet HTML 16Page - STMicroelectronics VX6854LC Datasheet HTML 17Page - STMicroelectronics VX6854LC Datasheet HTML 18Page - STMicroelectronics VX6854LC Datasheet HTML 19Page - STMicroelectronics VX6854LC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
Device pinout
VX6854LC
16/114
DocID027110 Rev 2
2.1
ESD protection diodes
The ESD protection diodes can be used to check the connectivity. To test for connectivity,
draw 100 uA from the pin and measure the voltage. If the voltage is less than 180 mV or
greater than 900 mV the test fails.
ST test
T1-T8
ST test pins
Do not connect(4)
1.
VCAP is internal to the module. An additional 220nF capacitor may also be connected to this pin.
2.
Signal is active low.
3.
The EXTCLK pad has a Schmitt trigger input
4.
Test pins are not floating.
Table 4. Pin description (continued)
Pad number
Pad name
I/O type
Description
Table 5. ESD protection diodes
S854 SMIA65
Pin name
Pin number
ESD protected
Diode to VDIG
Diode to GND
VCAP
1
YES
NO
YES
VANA
2
YES
NO
YES
XSHUTD
3
YES
NO
YES
EXTCLK
4
YES
NO
YES
SCL
5
YES
NO
YES
SDA
6
YES
NO
YES
DGND
7
YES
YES
YES
CLKN
8
YES
Diode to local supply
Diode to GNDE
CLKP
9
YES
Diode to local supply
Diode to GNDE
VDIG
10
YES
NO
YES
DATAN
11
YES
Diode to local supply
YES
DATAP
12
YES
Diode to local supply
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com