Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 38 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 34Page - STMicroelectronics VX6854LC Datasheet HTML 35Page - STMicroelectronics VX6854LC Datasheet HTML 36Page - STMicroelectronics VX6854LC Datasheet HTML 37Page - STMicroelectronics VX6854LC Datasheet HTML 38Page - STMicroelectronics VX6854LC Datasheet HTML 39Page - STMicroelectronics VX6854LC Datasheet HTML 40Page - STMicroelectronics VX6854LC Datasheet HTML 41Page - STMicroelectronics VX6854LC Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
Register map
VX6854LC
38/114
DocID027110 Rev 2
4.11
Fifo water mark registers [0x0700 to 0x0701]
4.12
DPHY registers [0x0810 to 0x0811]
4.13
Binning registers [0x0900 to 0x0902]
Table 22. Fifo water mark registers [0x0700 to 0x0701]
Index
Byte
Register name
Data type Default Type
Comment
0x0700
Hi
fifo_water_mark_pixels
16UI
00.28
RW
The level at which data starts to be
transmitted out of the FIFO (default =
40)
0x0701
Lo
Table 23. DPHY registers [0x0810 to 0x0811]
Index
Byte
Register name
Data type Default Type
Comment
0x0820
Hi
dphy_channel_mbps_for_ui
32UI
00.00
RW
CSI-2 DPHY channel in Mbps (16.16
fixed point)
This is used by the DPHY to calculate
UI(Unit Interval) value.
It does not control the sensor clock
set-up, but should normally
correspond to those settings.
0: Sensor automatically calculates UI
from the op_sys_clk_freq_mhz value.
80-800: Sensor calculates UI from this
value.
0x0821
3rd
0x0822
2nd
0x0823
Lo
Table 24. Binning registers [0x0900 to 0x0902]
Index
Byte
Register name
Data type Default Type
Comment
0x0900
binning_mode
8UI
00
RW
Binning Mode
0 - Disabled
1 - Enabled
0x0901
binning_type
8UI
00
RW
High-nibble - column binning factor
Low-nibble - row binning factor
0x0902
binning_weighting
8UI
00
RW
bit0: Averaged (1-enable)
bit2: Bayer corrected (1-enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com