Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 42 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 38Page - STMicroelectronics VX6854LC Datasheet HTML 39Page - STMicroelectronics VX6854LC Datasheet HTML 40Page - STMicroelectronics VX6854LC Datasheet HTML 41Page - STMicroelectronics VX6854LC Datasheet HTML 42Page - STMicroelectronics VX6854LC Datasheet HTML 43Page - STMicroelectronics VX6854LC Datasheet HTML 44Page - STMicroelectronics VX6854LC Datasheet HTML 45Page - STMicroelectronics VX6854LC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
Register map
VX6854LC
42/114
DocID027110 Rev 2
4.19
Integration time and gain parameter limit registers [0x1000 to
0x10FF]
These registers are used to define exposure limits for the integration control registers
(0x200 to 0x203). See Section 6.5: Exposure and gain control on page 67 for more
information.
Table 30. Integration time and gain parameter limit registers [0x1000 to 0x10FF]
Index
Byte
Register name
Data type Default Type
Comment
0x1000 Hi
integration_time_capability
16UI
00.01
RO
0x0001 – coarse and smooth (1 pixel)
fine integration.
0x1001 Lo
0x1004 Hi
coarse_integration_time_min
16UI
00.00
RO
Minimum coarse integration time.
Line periods.
0x1005 Lo
0x1006 Hi
coarse_integration_time_max
_margin
16UI
00.09
RO
Current frame length – current max
coarse exposure.
Line periods.
0x1007 Lo
0x1008 Hi
fine_integration_time_min
16UI
01.E5
RO
Minimum fine integration time.
Pixel periods.
0x1009 Lo
0x100A Hi
fine_integration_time_max_
margin
16UI
07.73
RO
Current line length – current max fine
exposure.
Pixel periods.
0x100B Lo
0x1080 Hi
digital_gain_capability
16UI
00.01
RO
0x01 – supports digital gain.
0x1081 Lo
0x1084 Hi
digital_gain_min
16UR
00.08
RO
1.00000 minimum
0x1085 Lo
0x1086 Hi
digital_gain_max
16UR
01.F8
RO
1.96875 maximum
0x1087 Lo
0x1088 Hi
digital_gain_step_size
16UR
00.08
RO
0.03125 step size
0x1089 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com