Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 85 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 85 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 81Page - STMicroelectronics VX6854LC Datasheet HTML 82Page - STMicroelectronics VX6854LC Datasheet HTML 83Page - STMicroelectronics VX6854LC Datasheet HTML 84Page - STMicroelectronics VX6854LC Datasheet HTML 85Page - STMicroelectronics VX6854LC Datasheet HTML 86Page - STMicroelectronics VX6854LC Datasheet HTML 87Page - STMicroelectronics VX6854LC Datasheet HTML 88Page - STMicroelectronics VX6854LC Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 114 page
background image
DocID027110 Rev 2
85/114
VX6854LC
EDoF control
102
Considering the above points, EDoF aims to make the blur spot invariant (or change its
reference) over a range of objects distances, thus defeating the obvious geometric optical
effects to enhance the Depth of Field.
The plot below shows the EDoF main principle:
Figure 32. EDoF main principle
10.1
EDoF capabilities
The EDoF reconstruction engine is applied to the image after defect correction. It has
denoising, sharpening, deconvolution algorithms among others that allow recovering the
resolution.
It is advised that the end user does not use the EDoF IP as a sharpness block. EDoF has a
depth of field recovery role. Oversharpening the image using EDoF before the HOST image
processing might alter the final image quality.
The EDoF reconstruction engine can improve the depth of field for a colored image in the
range of 30 cm to infinity and for a monochrome image below 30 cm.
The EDoF block works with ranges of distances in four modes for which the correction
applied will be different:
•
Super macro mode: < 30 cm
•
Macro mode: 30 to 49 cm
•
Portrait: 50 to 119 cm
•
Landscape: 120 cm to infinity
The distance estimation analyzes gradients and relative sharpness among channels.
It first returns a measure of the sharpest channel in the image giving a macro “vote” when
the sharpest channel is the blue one, portrait when it’s the green and landscape when it’s
the red.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com