Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 96 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 92Page - STMicroelectronics VX6854LC Datasheet HTML 93Page - STMicroelectronics VX6854LC Datasheet HTML 94Page - STMicroelectronics VX6854LC Datasheet HTML 95Page - STMicroelectronics VX6854LC Datasheet HTML 96Page - STMicroelectronics VX6854LC Datasheet HTML 97Page - STMicroelectronics VX6854LC Datasheet HTML 98Page - STMicroelectronics VX6854LC Datasheet HTML 99Page - STMicroelectronics VX6854LC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
Image optimization
VX6854LC
96/114
DocID027110 Rev 2
11.2
Mapped couplet correction (Bruce)
The mapped couplet defect correction filter is designed to intelligently correct the first defect
in a couplet thereby changing a couplet into a single pixel defect. Single pixel defects can
then be corrected using the dynamic defect correction filter.
The mapped couplet correction filter requires exact coordinate information for each of the
couplets to be repaired. The couplet coordinates are stored in non-volatile-memory (NVM)
during production test. The mapped couplet correction filter does not operate in binning
mode or in sub sample mode and is automatically disabled.
The mapped couplet correction is controlled by register 0x0B05:
0 - Disable
1 - Enable
11.3
Lens shading correction
The sensor has an adaptive (four color temperature) lens shading correction function which
can be used to reduce the effect of roll off in the optical system. Correction is carried out
individually for all four color planes, each gain is calculated based on the distance from the
image centre to the pixel in question using a two factor polynomial (R2 and R4).
In order to optimize the adaptive lens shading algorithm, the coefficients for each device are
calculated under D65 lighting conditions and programmed in the NVM memory at production
test.
Settings for three other color temperatures (Cool White, U30, and Horizon) are calculated
from characterization data and these are stored in the NVM memory. The calculation of the
color temperature is performed by the sensor using the color feedback registers. Therefore
it is necessary for the host to supply the sensor with the white balance gains.
The lens shading function can be used with the profile1 and profile 2 scaler and with crop
and sub-sampling.
The lens shading correction is controlled by register 0x0B00:
0 - Disable
1 - Enable
The correction applied is 75%.
Figure 42. Lens shading images
Original image
Corrected image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com