Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 86 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 86 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 82Page - STMicroelectronics VX6854LC Datasheet HTML 83Page - STMicroelectronics VX6854LC Datasheet HTML 84Page - STMicroelectronics VX6854LC Datasheet HTML 85Page - STMicroelectronics VX6854LC Datasheet HTML 86Page - STMicroelectronics VX6854LC Datasheet HTML 87Page - STMicroelectronics VX6854LC Datasheet HTML 88Page - STMicroelectronics VX6854LC Datasheet HTML 89Page - STMicroelectronics VX6854LC Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
EDoF control
VX6854LC
86/114
DocID027110 Rev 2
The relative sharpness among channel varies with the object distance but also in the field of
the image (field curvature), so the votes are then weighted by calibration data in order to
obtain the most appropriate mode or distance at the output.
Note:
The aim of the distance estimation is not to obtain a precise distance but to select the best
parameterization for the correction to be applied in capture, therefore the returned distance
or specified distances range is indicative only.
Like an auto-focus module:
•
The algorithm has failure cases, but the correction is constrained in order to always
have acceptable image quality even if not optimal.
•
For a single image several modes are often possible and giving same level of image
quality.
–
For overlap distances (between macro and portrait modes, or between portrait and
landscape modes), two of the channels may have the same level of sharpness, so
any of the two corresponding distances could be returned, depending on scene
content and field curvature of the module.
–
For scenes with objects at different distances, any of the three distances could be
returned depending on content of the scene, field curvature of the module and
spatial weights used for estimation (edof_estimation_control).
Supermacro mode is used for bar code and business card reading. Supermacro mode uses
a monochrome image. Below 30 cm distance, the MTF is lost and there is too little green
and red pixel information to build a colorized image. However, the blue pixel has enough
MTF to reconstruct a monochrome image.
10.2
Control interface
The modules have a 100 kHz/400 kHz I2C compatible 2-wire control interface. It uses the
SMIA 16-bit index, 8-bit data message format. The CCI interfaces allows the programming
of the EDoF control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com