Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 78 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 78 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 74Page - STMicroelectronics VX6854LC Datasheet HTML 75Page - STMicroelectronics VX6854LC Datasheet HTML 76Page - STMicroelectronics VX6854LC Datasheet HTML 77Page - STMicroelectronics VX6854LC Datasheet HTML 78Page - STMicroelectronics VX6854LC Datasheet HTML 79Page - STMicroelectronics VX6854LC Datasheet HTML 80Page - STMicroelectronics VX6854LC Datasheet HTML 81Page - STMicroelectronics VX6854LC Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
Electrical characteristics
VX6854LC
78/114
DocID027110 Rev 2
7.8.2
CSI-2 interface - AC specifications
For further information on the subLVDS refer to the specification document: MIPI Alliance
Standard for D_PHY version 0.90.
Note:
When quoting the MIPI specification, the following rules must be followed:
Disclosure of a Specification, or the creation of derivative works of a Specification, may also
be made “as part of STMicroelectronics’s product for the purpose of developing and selling
products complying with the MIPI Specification(s).” MA 3.2(c). In this connection, the MIPI
Board has approved the disclosure only of such portion of the Specification as in the
reasonable judgment of the Member is relevant for the development and/or sale of
Compliant Portions. This may, of course, require the disclosure of the entire Specification
when the situation requires. The Board notes that these provisions of the MA are intended
to assist Members in providing information useful in MIPI compliant product development or
to provide support documentation for the Member's products.
Disclosure is also permitted when, in the opinion of the MIPI Board, such disclosure is a
legitimate derivative use which enables the development or implementation of a MIPI
Specification or development or sale of Compliant Portions. Permission for such disclosures
may be granted by the MIPI Board on a case by case basis and subject to the receipt of a
confidentiality agreement as in the case of a contractor. Examples of such a derived use
may be disclosures to vendors of test equipment or other enabling products. Note: In ALL
permitted cases of disclosure of a MIPI Specification, in whole, or in part, the disclosure
must include (a) the copyright notice contained in the Specification on the first page of the
disclosed portion and on every other page where it appears in the included portions of the
Specification with prominence at least equal to that of the Specification as published by
MIPI. The copyright notice on the first page shall be followed by the following language: “All
rights reserved. This material is reprinted with the permission of the MIPI Alliance, Inc. No
part(s) of this document may be disclosed, reproduced or used for any purpose other than
as needed to support the use of the products of STMicroelectronics”.
Table 62. CSI-2 interface - high speed mode - AC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
Data rate
80
-
800
Mbits/s
tclkp
Average data period
1.25
-
ns
tr and tf
20% - 80% rise time and fall time
150
0.3UI(1)
1.
UI is equal to 1/(2*fh) where fh is the fundamental frequency of the transmission for a certain bit rate. e.g.
for 600Mbps fh is 300MHz.
ps
tskew
Data to Clock Skew
-0.15UI
-
0.15UI
ps
Table 63. CSI-2 interface - low power mode - AC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
tr and tf
15% - 85% rise time and fall time
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com