Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 12 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 8Page - STMicroelectronics VX6854LC Datasheet HTML 9Page - STMicroelectronics VX6854LC Datasheet HTML 10Page - STMicroelectronics VX6854LC Datasheet HTML 11Page - STMicroelectronics VX6854LC Datasheet HTML 12Page - STMicroelectronics VX6854LC Datasheet HTML 13Page - STMicroelectronics VX6854LC Datasheet HTML 14Page - STMicroelectronics VX6854LC Datasheet HTML 15Page - STMicroelectronics VX6854LC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
Overview
VX6854LC
12/114
DocID027110 Rev 2
Table 2. Technical specification
Feature
Detail
Pixel resolution
2048 x 1536 (QXGA)
Sensor technology
IMG140 ST’s 65 nm based CMOS imaging process
Pixel size
1.75 µm x 1.75 µm
Exposure control
+ 81 dB
Analogue gain
+ 24 dB (max)
Digital gain
+ 6 dB (max)
Dynamic range
63 dB
Signal to noise
36 dB (@ 100 lux)
SNR10 value
60 Lux
Supply voltages
Analogue: 2.3V - 2.9V
Digital: 1.7V - 1.9V
Average power consumption
<200 mW
Package size (L x W x H)
6.5 mm x 6.5 mm x 4.6 mm
Lens
58° +/-2° HFOV F/2.8
TV distortion
-0.3%
Relative illumination
75 % (typ.)
System attach
SMIA65 socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com