Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 25 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 21Page - STMicroelectronics VX6854LC Datasheet HTML 22Page - STMicroelectronics VX6854LC Datasheet HTML 23Page - STMicroelectronics VX6854LC Datasheet HTML 24Page - STMicroelectronics VX6854LC Datasheet HTML 25Page - STMicroelectronics VX6854LC Datasheet HTML 26Page - STMicroelectronics VX6854LC Datasheet HTML 27Page - STMicroelectronics VX6854LC Datasheet HTML 28Page - STMicroelectronics VX6854LC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 114 page
background image
DocID027110 Rev 2
25/114
VX6854LC
Functional description
69
3.4.3
Internal power-on reset (POR)
The VX6854LC internally performs a power-on reset (POR) when the 1V2 Vcore digital
supply rises through the trigger level, Vtrig_rising. Similarly, if the 1V2 Vcore digital power
supply falls through the trigger level, Vtrig_falling, then the power-on reset will also trigger.
Definitions:
Figure 10. POR timing
Rise threshold voltage (VTRIGR)
This is the supply voltage level that is recognised by the
POR as voltage “HIGH”. Only after the supply reaches
this level does the output of POR change to high level if
it is off, after a specified amount of delay.
Fall threshold voltage (VTRIGF)
This is the supply voltage level that is recognised by the
POR as voltage “LOW”. Only after the supply reaches
this level does the output of POR change to low (ground)
level if it is on.
Burst width (pw)
Burst is the negative pulse riding the supply signal. The
burst width is measured as the amount of duration for
which the supply signal dropped beyond the threshold
levels.
Delay duration (TPOR)
Delay duration is defined as the time duration for which
POR stays off before re-powering. Each reset of POR
will impart a specified delay duration before POR re-
powers.
Table 10. POR cell characteristics
Symbol
Constraint
Min
Typ.
Max
Units
VTRIGR
POR Rise Voltage detection
-
-
0.95
V
VTRIGF
POR Fall Voltage detection
0.4
-
-
V
Tburst (pw)
Burst Filter
-
2
8
µs
Tpor
Delay Duration
-
20
45
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com