Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 44 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 44 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 40Page - STMicroelectronics VX6854LC Datasheet HTML 41Page - STMicroelectronics VX6854LC Datasheet HTML 42Page - STMicroelectronics VX6854LC Datasheet HTML 43Page - STMicroelectronics VX6854LC Datasheet HTML 44Page - STMicroelectronics VX6854LC Datasheet HTML 45Page - STMicroelectronics VX6854LC Datasheet HTML 46Page - STMicroelectronics VX6854LC Datasheet HTML 47Page - STMicroelectronics VX6854LC Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
Register map
VX6854LC
44/114
DocID027110 Rev 2
0x111C Hi
max_pll_op_freq_mhz
32SF
44.7A
00.00
RO
Maximum PLL output clock frequency
Units: MHz
Value: 1000.0
Note: This value should be 800MHz
0x111D 3rd
0x111E 2nd
0x111F
Lo
0x1120 Hi
min_vt_sys_clk_div
16UI
00.01
RO
Minimum video-timing system clock
divider value
Value: 1
0x1121 Lo
0x1122 Hi
max_vt_sys_clk_div
16UI
00.04
RO
Maximum video-timing system clock
divider value
Value: 4
This value should be 2.
0x1123 Lo
0x1124 Hi
min_vt_sys_clk_freq_mhz
32SF
42.F4
00.00
RO
Minimum video-timing system clock
frequency
Units: MHz
Value: 122.0
0x1125 3rd
0x1126 2nd
0x1127 Lo
0x1128 Hi
max_vt_sys_clk_freq_mhz
32SF
44.48
00.00
RO
Maximum video-timing system clock
frequency
Units: MHz
Value: 800.0
0x1129 3rd
0x112A 2nd
0x112B Lo
0x112C Hi
min_vt_pix_clk_freq_mhz
32SF
42.18
00.00
RO
Minimum video-timing pixel clock
frequency
Units: MHz
Value: 38.0
0x112D 3rd
0x112E 2nd
0x112F Lo
0x1130 Hi
max_vt_pix_clk_freq_mhz
32SF
42.A0
00.00
RO
Maximum video-timing pixel clock
frequency
Units: MHz
Value: 80.0
0x1131 3rd
0x1132 2nd
0x1133 Lo
0x1134 Hi
min_vt_pix_clk_div
16UI
00.04
RO
Minimum video-timing pixel clock
divider
Value: 4
0x1135 Lo
0x1136 Hi
max_vt_pix_clk_div
16UI
00.0A
RO
Maximum video-timing pixel clock
divider
Value: 10
0x1137 Lo
0x1140 Hi
min_frame_length_lines
16UI
00.2A
RO
Minimum Frame Length allowed.
Value = 42 lines
0x1141 Lo
Table 31. Video timing parameter limit registers [0x1100 to 0x11FF] (continued)
Index
Byte
Register name
Data type Default Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com