Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 51 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 47Page - STMicroelectronics VX6854LC Datasheet HTML 48Page - STMicroelectronics VX6854LC Datasheet HTML 49Page - STMicroelectronics VX6854LC Datasheet HTML 50Page - STMicroelectronics VX6854LC Datasheet HTML 51Page - STMicroelectronics VX6854LC Datasheet HTML 52Page - STMicroelectronics VX6854LC Datasheet HTML 53Page - STMicroelectronics VX6854LC Datasheet HTML 54Page - STMicroelectronics VX6854LC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 114 page
background image
DocID027110 Rev 2
51/114
VX6854LC
Register map
69
4.31
Color feedback capability registers [0x1987 to 0x1987]
4.32
Manufacturer specific registers [0x3000 to 0x3FFF]
Table 42. Color feedback capability registers [0x1987 to 0x1987]
Index
Byte
Register name
Data type Default Type
Comment
0x1987
colour_feedback_capability
8UI
02
RO
VX6854LC requires AWB gain
feedback
Table 43. Manufacturer specific registers [0x3000 to 0x3FFF]
Index
Byte
Register name
Data type Default Type
Comment
0x3050
dark_setup
8B
05
RW
Bit_0:
0 : Do not apply any offset.
1 : Apply an offset.
0x3516
Hi
pll_mod_period
16UI
00.00
RW
SSCG config input to set modulation
period and depth (13bit)
0x3517
Lo
0x3518
Hi
pll_inc_step
16UI
00.00
RW
SSCG config input to set modulation
depth (15bit)
0x3519
Lo
0x5024
sscg_static_ctrl
8B
00
RW
(1)
Bit0:
0 - SSCG deactivated
1 - SSCG activated
Bit1:
0 - SSCG - center spread
1 - SSCG - down spread
1.
In order to read this register, the non-SMIA address range must be enabled by writing 0x3640=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com