Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 61 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 57Page - STMicroelectronics VX6854LC Datasheet HTML 58Page - STMicroelectronics VX6854LC Datasheet HTML 59Page - STMicroelectronics VX6854LC Datasheet HTML 60Page - STMicroelectronics VX6854LC Datasheet HTML 61Page - STMicroelectronics VX6854LC Datasheet HTML 62Page - STMicroelectronics VX6854LC Datasheet HTML 63Page - STMicroelectronics VX6854LC Datasheet HTML 64Page - STMicroelectronics VX6854LC Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 114 page
background image
DocID027110 Rev 2
61/114
VX6854LC
Video timing
69
6.2
Video timing
This section specifies the timing for the image data that is readout from the pixel array and
the output image data. These are not necessarily the same size.
The application of all of the video timing read/write parameters must be re-timed to the start
of frame boundary to ensure that the parameters are consistent within a frame.
The video stream which is output from the VX6854LC contains both video data and other
auxiliary information. The VX6854LC output coding conforms to the CCP Raw8 and Raw10
data format (see SMIA 1.0 Part 2:CCP2 Specification) including line checksums.
Reference SMIA 1.0 Specification section 5 for detailed description of video timing.
6.2.1
PLL block
The VX6854LC contains a PLL (phase locked loop) block, which generates all the
necessary internal clocks from the external clock input. Changes to the PLL settings on the
VX6854LC will only be consumed on the software standby to streaming mode transition.
Figure 21 shows the internal functional blocks, which define the relationship between the
external input clock frequency and the pixel clock frequency.
The majority of the logic within the device is clocked by vt_sys_clk however the CCI block is
clocked by the External input clock.
Figure 21. VX6854LC clock relationships
Min.
37
Max.
134
pll_multiplier
pre_pll_
clk_div
Range
1, 2, 4
Ext.
input
clock
External input clock
ext_clk_freq_mhz
PLL input clock
pll_ip_clk_freq_mhz
PLL output clock
pll_op_clk_freq_mhz
Video timing pixel clock
vt_pix_clk_freq_mhz
Video timing system clock
vt_sys_clk_freq_mhz
Range
1, 2
vt_sys_clk
_div
vt_pix_clk
_div
Min.
4
Max.
10
Output Timing System clock
op_sys_clk_freq_mhz
Output Timing Pixel clock
op_pix_clk_freq_mhz
op_pixel
_clk_div
op_sys_
clk_div
Min.
1
Max.
66
Range
8, 10
Max
27MHz
6MHz
Min
Min
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Max
800MHz
80MHz
38MHz
122MHz
0.757MHz
80MHz
800MHz
7.57MHz(1)
450MHz
800MHz
6MHz
12MHz
1. Note that the minimum op_sys_clk_freq_mhz is 80MHz in CSI2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com