Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 74 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 74 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics VX6854LC Datasheet HTML 74Page - STMicroelectronics VX6854LC Datasheet HTML 75Page - STMicroelectronics VX6854LC Datasheet HTML 76Page - STMicroelectronics VX6854LC Datasheet HTML 77Page - STMicroelectronics VX6854LC Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
Electrical characteristics
VX6854LC
74/114
DocID027110 Rev 2
7.6
CCI interface - SDA, SCL
7.6.1
CCI interface - DC specifications
7.6.2
CCI interface - timing characteristics
Table 56. CCI interface
Symbol
Parameter
Min.
Max.
Unit
VIL
Low level input voltage
0
0.3 * VDIG
V
VIH
High level input voltage (VDIG > 1.7V)
0.7 * VDIG
VDIG+0.5V
V
High level input voltage (VDIG < 1.3V)
0.77
VDIG+0.5V
V
VOL
Low level output voltage(1)
1.
VOH not valid for CCI. 3 mA drive strength
0
0.2 * VDIG
V
IIL
Low level input leakage
-
-15
µA
IIH
High level input leakage
-
15
µA
Table 57. CCI interface - timing characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
tSCL
SCL clock frequency
0
-
400
kHz
tLOW
Clock pulse width low
1.3
-
-
μs
tHIGH
Clock pulse width high
0.6
-
-
μs
tSP
Pulse width of spikes which are
suppressed by the input filter
0
-
50
ns
tBUF
Bus free time between transmissions
1.3
-
-
μs
tHD.STA
Start hold time
0.6
-
-
μs
tSU.STA
Start set-up time
0.6
-
-
μs
tHD.DAT
Data in hold time
0
-
0.9
μs
tSU.DAT
Data in set-up time
100
-
-
ns
tR
SCL/SDA rise time
20+0.1
Cb(1)
1.
Cb = total capacitance of one bus line in pF
-
300
ns
tF
SCL/SDA fall time
20+0.1
Cb(1)
-
300
ns
tSU.STO
Stop set-up time
0.6
-
-
μs
Ci/o
Input / Output capacitance (SDA)
-
-
8
pF
Cin
Input capacitance (SCL)
-
-
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com