Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 36 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 32Page - STMicroelectronics VX6854LC Datasheet HTML 33Page - STMicroelectronics VX6854LC Datasheet HTML 34Page - STMicroelectronics VX6854LC Datasheet HTML 35Page - STMicroelectronics VX6854LC Datasheet HTML 36Page - STMicroelectronics VX6854LC Datasheet HTML 37Page - STMicroelectronics VX6854LC Datasheet HTML 38Page - STMicroelectronics VX6854LC Datasheet HTML 39Page - STMicroelectronics VX6854LC Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
Register map
VX6854LC
36/114
DocID027110 Rev 2
4.8
Image scaling registers [0x0400 to 0x04FF]
0x034E Hi
y_output_size
16UI
06.10
RW
Height of image data output from the
sensor module
Units: Lines
0x034F Lo
0x0380
Hi
x_even_inc
16UI
00.01
RW
Increment for even pixels. x_even_inc
must = 1 for focus_estimation to
operate effectively.
Units: Pixels
0x0381
Lo
0x0382
Hi
x_odd_inc
16UI
00.01
RW
Increment for odd pixels
Units: Pixels
0x0383
Lo
0x0384
Hi
y_even_inc
16UI
00.01
RW
Increment for even pixels. y_even_inc
must = 1 for focus_estimation to
operate effectively. VX6854LC only
suppports y-even-inc values of 1 and 5
Units: Pixels
0x0385
Lo
0x0386
Hi
y_odd_inc
16UI
00.01
RW
Increment for odd pixels
Units: Pixels
0x0387
Lo
1.
Has to be modulo 4 for correct operation of device
Table 18. Video timing registers [0x0300 to 0x03FF] (continued)
Index
Byte
Register name
Data type Default Type
Comment
Table 19. Image scaling registers [0x0400 to 0x04FF]
Index
Byte
Register name
Data type Default Type
Comment
0x0400 Hi
scaling_mode
16UI
00.00
RW
0 – No scaling
1 – Horizontal scaling.
2 - Full scaling (horizontal and
vertical).
0x0401 Lo
0x0402 Hi
spatial_sampling
16UI
00.00
RW
0 – Bayer sampling
1 – Co-sited sampling
0x0403 Lo
0x0404 Hi
scale_m
16UI
00.10
RW
Down scale factor M component.
(denominator)
0x0405 Lo
0x0406 Hi
scale_n
16UI
00.10
RO
Down scale factor N component.
(numerator, always 16)
0x0407 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com