Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 39 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 35Page - STMicroelectronics VX6854LC Datasheet HTML 36Page - STMicroelectronics VX6854LC Datasheet HTML 37Page - STMicroelectronics VX6854LC Datasheet HTML 38Page - STMicroelectronics VX6854LC Datasheet HTML 39Page - STMicroelectronics VX6854LC Datasheet HTML 40Page - STMicroelectronics VX6854LC Datasheet HTML 41Page - STMicroelectronics VX6854LC Datasheet HTML 42Page - STMicroelectronics VX6854LC Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
DocID027110 Rev 2
39/114
VX6854LC
Register map
69
4.14
Data transfer registers [0x0A00 to 0x0A02]
4.15
Shading correction registers [0x0B00 to 0x0B00]
Table 25. Data transfer registers [0x0A00 to 0x0A02]
Index
Byte
Register name
Data type Default Type
Comment
0x0A00
if1_ctrl
8UI
00
RW
Bit0:
0 - IF1 transfer disabled
1 - IF1 transfer enabled
Bit1:
0 - IF1 read enabled
1 - IF1 write enabled
Bit2:
0 - Normal operation
1 - Clear error bits on IF1
0x0A01
if1_status
8UI
00
RW
Bit0: Read interface ready
Bit1: Write interface ready
Bit2: Data corrupt
Bit3: Improper interface uage
0x0A02
if1_page_sel
8UI
00
RW
Select page for IF1:
Page 00: NVM: 0xFC00 - 0xFC3F
Page 01: NVM: 0xFC40 - 0xFC7F
Page 02: NVM: 0xFC80 - 0xFCBF
Page 03: NVM: 0xFCC0 - 0xFCFF
Page 04: NVM: 0xFD00 - 0xFD3F
Page 05: NVM: 0xFD40 - 0xFD7F
Page 06: NVM: 0xFD80 - 0xFDBF
Page 07: NVM: 0xFDC0 - 0xFDFF
Table 26. Shading correction registers [0x0B00 to 0x0B00]
Index
Byte
Register name
Data type Default Type
Comment
0x0B00
shading_correction_enable
8UI
01
RW
Shading correction
0 - Disable
1 - Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com