Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 70 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 70 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 66Page - STMicroelectronics VX6854LC Datasheet HTML 67Page - STMicroelectronics VX6854LC Datasheet HTML 68Page - STMicroelectronics VX6854LC Datasheet HTML 69Page - STMicroelectronics VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics VX6854LC Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
Electrical characteristics
VX6854LC
70/114
DocID027110 Rev 2
7
Electrical characteristics
Refer to SMIA Characterization Specification - Revision 1, SMIA CCP2 Specification
ECR0002 - Revision 1 and SMIA CCP2 Specification - Revision 1 (see Table 3: Reference
documents on page 14). Typical values quoted for nominal voltage, process and
temperature. Maximum values are quoted for worst case conditions (process, voltage and
functional temperature) unless otherwise specified.
7.1
Operating conditions
Table 48. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Voltage
VDIG
Digital power supply
1.68
1.8
1.92
V
VANA
Analog power supply
2.3
2.8
2.9
V
VIP(DIG)
Digital input voltage(1)
1.
Digital input: EXTCLK, XSHUTDOWN, SCL, SDA
0
-
1.92
V
Temperature
TAS
Temperature (storage(2))
2.
Camera has no permanent degradation.
-40
-
+85
°C
TAF
Temperature (functional operating(3))
3.
Camera is electrically functional.
-30
+70
°C
TAN
Temperature (normal operating(4))
4.
Camera produces “acceptable” images.
-25
+55
°C
TAO
Temperature (optimal operating(5))
5.
Camera produces optimal optical performance.
+5
+40
°C
TAT
Temperature (test(6))
6.
100% tested parameters are measured at this temperature.
+21
+25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com