Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 84 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 84 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 80Page - STMicroelectronics VX6854LC Datasheet HTML 81Page - STMicroelectronics VX6854LC Datasheet HTML 82Page - STMicroelectronics VX6854LC Datasheet HTML 83Page - STMicroelectronics VX6854LC Datasheet HTML 84Page - STMicroelectronics VX6854LC Datasheet HTML 85Page - STMicroelectronics VX6854LC Datasheet HTML 86Page - STMicroelectronics VX6854LC Datasheet HTML 87Page - STMicroelectronics VX6854LC Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
EDoF control
VX6854LC
84/114
DocID027110 Rev 2
10
EDoF control
The VX6854LC module uses a fixed focused lens with optical aberrations that the EDoF
reconstruction engine is designed to recover the resolution and increase the depth of field in
the range of 20 cm to infinity. The focus is tuned for far distances > 2 m but for closer
distances where a standard fixed focus camera would show a blur image, the EDoF
correction is capable of significantly recovering the resolution.
Figure 31. What is sharp?
Facts about optics
•
The depth of focus narrows with reduction in object distance or with aperture increase.
•
If the lens is focussed at the hyper-focal distance, the sharpness will be the same from
hyperfocal/2 to infinity.
•
The depth of field is defined by the range of scene distances that appears acceptably
sharp in the image.
•
The size of a pixel (1.75 um) can be defined as a blurred spot. A blurred spot smaller
than 1.75 um is registered as sharp. Above that value the spot will look blurred (refer to
circle of confusion graph).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com