Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 67 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 63Page - STMicroelectronics VX6854LC Datasheet HTML 64Page - STMicroelectronics VX6854LC Datasheet HTML 65Page - STMicroelectronics VX6854LC Datasheet HTML 66Page - STMicroelectronics VX6854LC Datasheet HTML 67Page - STMicroelectronics VX6854LC Datasheet HTML 68Page - STMicroelectronics VX6854LC Datasheet HTML 69Page - STMicroelectronics VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
DocID027110 Rev 2
67/114
VX6854LC
Video timing
69
6.4
Image compression
The objective of the image compression is to reduce the required bandwidth in transmission
between the sensor and the host.
The key features of the DPCM/PCM compression algorithm are:
•
visually lossless
•
low cost implementation (no line memories are required)
•
fixed rate compression
The 10-bit to 8-bit DPCM/PCM image compression algorithm is supported by VX6854LC.
10-bit to 8-bit compression has the additional advantage that one pixel value equals 1 byte
of data.
The level of compression is controlled via the CSI_data_format register. The same register
is also used to enable and disable compression.
The compression_mode register is used to select which compression algorithm is used.
Currently only the DPCM/PCM technique is supported. Therefore the value of this register is
always 0x01.
The compression_capability register tells the host whether a sensor module does or does
not have compression and if it has compression then what is the compression technique.
Again currently only the DPCM/PCM technique is supported.
Please also refer to section 10 of the SMIA1.0 specification document.
6.5
Exposure and gain control
VX6854LC does not contain any form of automatic exposure control. To produce a correctly
exposed image the integration period and analogue gain for the pixels must be calculated
by an exposure control algorithm implemented externally. The parameters are written to the
VX6854LC using the CCI interface.
The exposure control parameters available on VX6854LC are:
•
fine integration time
•
coarse integration time
•
analogue gain
•
digital gain
The exposure control parameter registers are defined in Chapter 4: Register map on
page 29.
Integration time and analogue gain capability registers should be used to determine the
exposure control parameter limits for a given video timing configuration. See Section 6.7 of
the SMIA 1.0 part 1 specification for more information on how to interpret the integration and
gain capability registers and how to calculate exposure and gain limits.
6.5.1
Analogue gain model
VX6854LC only supports the single global analogue gain mode. VX6854LC has a 16-bit
register (0x0204 and 0x0205) to control analogue gain. However, only 4 bits are supported
by the SMIA1.0 description. Two extra bits can be used for fine gain between values 8 and
16 but their description is not currently supported by SMIA1.0 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com