Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 15 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 11Page - STMicroelectronics VX6854LC Datasheet HTML 12Page - STMicroelectronics VX6854LC Datasheet HTML 13Page - STMicroelectronics VX6854LC Datasheet HTML 14Page - STMicroelectronics VX6854LC Datasheet HTML 15Page - STMicroelectronics VX6854LC Datasheet HTML 16Page - STMicroelectronics VX6854LC Datasheet HTML 17Page - STMicroelectronics VX6854LC Datasheet HTML 18Page - STMicroelectronics VX6854LC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
DocID027110 Rev 2
15/114
VX6854LC
Device pinout
69
2
Device pinout
Figure 4 shows the module pinout and Table 4 contains the signal description.
Figure 4. VX6854LC module pinout (viewed from bottom of camera module)
Table 4. Pin description
Pad number
Pad name
I/O type
Description
Power supplies
1
VCAP
PWR
No connection required(1)
7
GND
PWR
Ground (combined)
2
VANA
PWR
Analog power
10
VDIG
PWR
Digital power
System
3
XSHUTDOWN
I
Power down control(2)
4
EXTCLK
I
System clock input(3)
Control
5
SCL
I
Serial communication clock
6
SDA
I/O
Serial communication data
Data
8
CLK-
SubLVDS output
Output qualifying clock
9
CLK+
SubLVDS output
Output qualifying clock
11
DATA-
SubLVDS output
Serial output data
12
DATA+
SubLVDS output
Serial output data
1
2
3
4
5
6
7
8
9
10
11
12
T1
T2
T3
T4
T5
T6
T7
T8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com