Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 48 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 44Page - STMicroelectronics VX6854LC Datasheet HTML 45Page - STMicroelectronics VX6854LC Datasheet HTML 46Page - STMicroelectronics VX6854LC Datasheet HTML 47Page - STMicroelectronics VX6854LC Datasheet HTML 48Page - STMicroelectronics VX6854LC Datasheet HTML 49Page - STMicroelectronics VX6854LC Datasheet HTML 50Page - STMicroelectronics VX6854LC Datasheet HTML 51Page - STMicroelectronics VX6854LC Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 114 page
background image
Register map
VX6854LC
48/114
DocID027110 Rev 2
4.24
FIFO capability registers [0x1500 to 0x15FF]
4.25
CSI lane mode capability registers [0x1600 to 0x1602]
0x140A Hi
matrix_element_BlueInGreen
16SR
00.00
RO
Color matrix parameter for Blue in
Green
0x140B Lo
0x140C Hi
matrix_element_RedInBlue
16SR
00.00
RO
Color matrix parameter for Red in Blue
0x140D Lo
0x140E Hi
matrix_element_GreenInBlue
16SR
00.00
RO
Color matrix parameter for Green in
Blue
0x140F Lo
0x1410 Hi
matrix_element_BlueInBlue
16SR
01.00
RO
Color matrix parameter for Blue in
Blue
0x1411 Lo
Table 34. Color matrix registers [0x1400 to 0x14FF] (continued)
Index
Byte
Register name
Data type Default Type
Comment
Table 35. Fifo capability registers [0x1500 to 0x15FF]
Index
Byte
Register name
Data type Default
Type
Comment
0x1500 Hi
fifo_size_pixels
16UI
07.00
RO
VX6854LC has a fifo of 1792 pixels
Note: This value should be 1023
pixels
0x1501 Lo
Table 36. CSI lLane mode capability registers [0x1600 to 0x1602]
Index
Byte
Register name
Data type Default Type
Comment
0x1600
ui_and_manual_dphy_ctrl_ca
pability
8UI
03
RO
CSI2 DPHY Control capability
bit0: Automatic DPHY control
supported
bit1:UI-based DPHY control supported
0x1601
csi_lane_capability
8UI
01
RO
One CSI-2 data lane supported
0x1602
csi_signallingmode_capability
8UI
07
RO
VX6854LC supports:
bit0: CCP2 data/clock
bit1: CCP2 data/strobe
bit2: CSI-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com