Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 87 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 87 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 83Page - STMicroelectronics VX6854LC Datasheet HTML 84Page - STMicroelectronics VX6854LC Datasheet HTML 85Page - STMicroelectronics VX6854LC Datasheet HTML 86Page - STMicroelectronics VX6854LC Datasheet HTML 87Page - STMicroelectronics VX6854LC Datasheet HTML 88Page - STMicroelectronics VX6854LC Datasheet HTML 89Page - STMicroelectronics VX6854LC Datasheet HTML 90Page - STMicroelectronics VX6854LC Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
DocID027110 Rev 2
87/114
VX6854LC
EDoF control
102
10.3
EDOF control registers [0x0B80 to 0x0B8A]
Table 66 lists the different registers that the end user can configure to tune the EDoF block.
10.3.1
EDoF_Mode (0xB80)
The EDoF block can be disabled or enabled. The interest of disabling this block would be to
save some power consumption. When enabling EDoF, two modes are available:
•
Estimation mode
This mode is dedicated to image preview (Viewfinder) only. EDoF correction is not
being applied but statistics are gathered for distance estimation. Estimation mode can
be full resolution or subsampled or binned image up to a maximum of x4 in both
directions. If too much subsampling is performed the image out of the sensor becomes
sharp and focus distance estimation is not possible.
•
Application mode
This is used for capture (or snapshot). The EDoF distance calculated during estimation
is applied to the image. The application mode can only be enabled after the estimation
mode has been selected, otherwise the EDoF correction will not be applied. EDoF
cannot be applied to subsampled or binned images as it is not necessary to correct
images when they are subsampled as the image blur introduced by the lens does not
Table 66. EDOF registers [0x0B80 to 0x0B8A]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x0B80
edof_mode
8UI
00
RW
EDOF control
0 - EDOF disabled (power saving)
1 - EDOF application (Capture)
2 - EDOF estimation (Preview)
0x0B82
edof_est_focus_dista
nce
8UI
32
RO
The estimated focus point (cm)
0x0B83
edof_sharpness
8UI
00
RW
EDOF sharpness control
0 - 127: Manual mode
0x0B84
edof_denoising
8UI
00
RW
EDOF denoising control
0 - 127: Manual mode
0x0B85
edof_module_specific
8UI
00
RW
EDOF noise vs. details control
0 - 127: Manual mode
0x0B88 Hi
edof_focus_distance
16UI
00.32
RW
Value supplied by the host which
is used by module for focus
distance (in cm).
0x0000 to 0x7FFF - manual mode
0x8000 to 0xFFFF - auto mode
0x0B89 Lo
0x0B8A
edof_estimation_cont
rol
8UI
00
RW
EDOF estimator control
0/1 - uniform
2 - centre weight
4 - large spot
8 - narrow spot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com