Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 62 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 62 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 58Page - STMicroelectronics VX6854LC Datasheet HTML 59Page - STMicroelectronics VX6854LC Datasheet HTML 60Page - STMicroelectronics VX6854LC Datasheet HTML 61Page - STMicroelectronics VX6854LC Datasheet HTML 62Page - STMicroelectronics VX6854LC Datasheet HTML 63Page - STMicroelectronics VX6854LC Datasheet HTML 64Page - STMicroelectronics VX6854LC Datasheet HTML 65Page - STMicroelectronics VX6854LC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 114 page
background image
Video timing
VX6854LC
62/114
DocID027110 Rev 2
The equation relating the input clock frequency to pixel clock frequencies are given below:
6.2.2
Spread spectrum clock generator
The PLL contains a spread spectrum clock generator block (SSCG) for the purposes of EMI
reduction. This feature is off by default and is intended for use if channel blocking becomes
an issue on the baseband platform. A primary source of EMI is the high speed CCP serial
data link. The modulation period and depth are fully programmable. The spread mode is
selectable between center spread (default) or down spread. The SSCG registers can only
be reprogrammed with new values when the sensor is in software standby mode.
6.2.3
Framerate
The framerate of the array readout and therefore the output framerate is governed by the
line length, frame length and the video timing pixel clock frequency.
•
Line length is specified as a number of pixel clocks, line_length_pck.
•
Frame length is specified as a number of lines, frame_length_lines.
•
Video timing pixel clock is specified in MHz, vt_pix_clk_freq_mhz.
The equation relating the framerate to the Line length, frame length and the video timing
pixel clock frequency is given below:
Table 45 provides examples of frame timing for Raw10 mode for 20 fps for a variety of
external clock frequencies.
Table 46 provides examples of frame timing for Raw10 mode for 15 fps for a variety of
external clock frequencies.
vt_pix_clk_freq_mhz
ext_clk_freq_mhz
pll_multiplier
×
pre_pll_clk_div
vt_sys_clk_div
vt_pix_clk_div
×
×
--------------------------------------------------------------------------------------------------------------------------------
=
op_pix_clk_freq_mhz
ext_clk_freq_mhz
pll_multiplier
×
pre_pll_clk_div
op_sys_clk_div
op_pix_clk_div
×
×
-------------------------------------------------------------------------------------------------------------------------------------
=
Table 45. External clock frequency examples, 3.15 Mpixel Raw10 20 fps (CSI-2 only)
Ext Clk
Freq
Pre-PLL
Clk Div
PLL
multiplier
VT Sys
Clk Div
VT pixel
Clk Div
Video
timing
pixel
clock
Line length
Frame
length
MHz
Integer
Integer
(Dec)
Integer
Integer
MHz
Pixel
Clks
µs
Lines
(Dec)
9.60
1
83
1
10
79.680
2500
31.37
1594
12.00
2
133
1
10
79.800
2500
31.32
1596
13.00
2
123
1
10
79.950
2500
31.27
1599
Framerate
vt_pix_clk_freq_mhz
line_length_pck
frame_length_lines
×
--------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com