Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 68 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 64Page - STMicroelectronics VX6854LC Datasheet HTML 65Page - STMicroelectronics VX6854LC Datasheet HTML 66Page - STMicroelectronics VX6854LC Datasheet HTML 67Page - STMicroelectronics VX6854LC Datasheet HTML 68Page - STMicroelectronics VX6854LC Datasheet HTML 69Page - STMicroelectronics VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
Video timing
VX6854LC
68/114
DocID027110 Rev 2
Figure 26 shows the way the analogue gain bits are used for VX6854LC. Use only Coarse
Gain bits for standard 1/x functionality.
Figure 26. Analogue gain register format
The following generic equation describes VX6854LC coarse gain behavior specified by the
analogue gain description registers 0x008A to 0x0093:
where:
•
m1 = -1
•
c0 = 256
•
c1 = 256
Table 47 specifies the valid analogue gain values for VX6854LC. Also refer to section 6.3 of
the SMIA1.0 specification document.
Table 47. Analogue gain control
Gain value
(0x0204/0x0205)
Coarse gain code
[A7:A4]
Coarse analogue
gain
Fine gain code
[A3:A2]
Fine analogue
gain
0x0000
0000
0.0 dB (x1.00)
00
N/A
0x0010
0001
0.6 dB (x 1.07)
00
N/A
0x0020
0010
1.2 dB (x1.1)
00
N/A
0x0030
0011
1.8 dB (x1.2)
00
N/A
0x0040
0100
2.5 dB (x1.3)
00
N/A
0x0050
0101
3.3 dB (x1.5)
00
N/A
0x0060
0110
4.1 dB (x1.6)
00
N/A
0x0070
0111
5.0 dB (x1.8)
00
N/A
0x0080
1000
6.0 dB(x2.0)
00
N/A
0x0090
1001
7.2 dB (x2.3)
00
N/A
0x00A0
1010
8.5 dB (x2.7)
00
N/A
0x00B0
1011
10.1 dB (x3.2)
00
N/A
0x00C0
1100
12.0 dB (x4.0)
00
N/A
0x00D0
1101
14.5 dB (x5.3)
00
N/A
0x00E0
1110
18.1 dB (x8.0)
00
N/A
0x00E4
1110
fine ctrl
01
19.2 dB (x9.1)
0x00E8
1110
fine ctrl
10
20.6 dB (x10.7)
0x00EC
1110
fine ctrl
11
22.1 dB (x12.8)
0x00F0
1111
24.1 dB (x16.0)
00
N/A
A7
A6
A5
A4
A3
A1
A0
A8
A9
A15 A14 A13 A12 A11 A10
A2
Coarse gain
Fine gain
Not used
Not used
gain
c0
m
( 1x
⋅
⁄
c1
)
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com