Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 31 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 27Page - STMicroelectronics VX6854LC Datasheet HTML 28Page - STMicroelectronics VX6854LC Datasheet HTML 29Page - STMicroelectronics VX6854LC Datasheet HTML 30Page - STMicroelectronics VX6854LC Datasheet HTML 31Page - STMicroelectronics VX6854LC Datasheet HTML 32Page - STMicroelectronics VX6854LC Datasheet HTML 33Page - STMicroelectronics VX6854LC Datasheet HTML 34Page - STMicroelectronics VX6854LC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
DocID027110 Rev 2
31/114
VX6854LC
Register map
69
4.2
Frame format description registers [0x0040 to 0x007F]
For a full description of the frame format description refer to Chapter 5: Video data interface
on page 52.
4.3
Analogue gain description registers [0x0080 to 0x0097]
These registers are not dynamic but are required to be output on the status line so that it is
possible to interpret the meaning of the analogue gain code(s). For a full description of the
analogue gain description registers refer to Section 6.5.1: Analogue gain model on page 67.
Table 13. Frame format description registers [0x0040 to 0x007F]
Index
Byte
Register name
Data type Default Type
Comment
0x0040
frame_format_model_type
8C
01
RO
Generic frame format.
0x01: 2-byte data format. (1)
0x0041
frame_format_model_subtype
8C
12
RO
Contains the number of 2-byte data
format descriptors used.
Upper nibble defines the number of
column descriptors i.e 1.
The lower nibble defines the number
of row descriptors i.e. 2
0x0042 Hi
frame_format_descriptor_0
16C
58.10
RO
Pixel data code: 5 (visible columns)
number of pixels : readout dependent
(Maximum of 2064)
0x0043 Lo
0x0044 Hi
frame_format_descriptor_1
16C
10.02
RO
Pixel data code: 1 (embedded data
lines)
Number of lines: 2
0x0045 Lo
0x0046 Hi
frame_format_descriptor_2
16C
56.10
RO
Pixel data code: 5(visible lines)
Number of lines: readout
dependent(Maximum of 1552)
0x0047 Lo
1.
See section 4.5 of SMIA 1.0 functional specification.
Table 14. Analogue gain description [0x0080 to 0x0097]
Index
Byte
Register name
Data type Default Type
Comment
0x0080 Hi
analogue_gain_capability
16B
00.00
RO
Analogue gain capability
0 – single global analogue gain only
0x0081 Lo
0x0084 Hi
analogue_gain_code_min
16UI
00.00
RO
Minimum recommended analogue gain
code that is, 0 (x1 gain)
0x0085 Lo
0x0086 Hi
analogue_gain_code_max
16UI
00.F0
RO
Maximum recommended analogue
gain code that is, 240 (x16 gain)
0x0087 Lo
0x0088 Hi
analogue_gain_code_step
16UI
00.10
RO
Analogue gain code step size(1)
0x0089 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com