Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 41 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 37Page - STMicroelectronics VX6854LC Datasheet HTML 38Page - STMicroelectronics VX6854LC Datasheet HTML 39Page - STMicroelectronics VX6854LC Datasheet HTML 40Page - STMicroelectronics VX6854LC Datasheet HTML 41Page - STMicroelectronics VX6854LC Datasheet HTML 42Page - STMicroelectronics VX6854LC Datasheet HTML 43Page - STMicroelectronics VX6854LC Datasheet HTML 44Page - STMicroelectronics VX6854LC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
DocID027110 Rev 2
41/114
VX6854LC
Register map
69
4.18
Color feedback registers [0x0B8C to 0x0B95]
0x0B85
edof_module_specific
8UI
00
RW
EDoF noise vs. details control
1-127 - manual mode
128-255 - signed offset added to
internal default value.
0x0B88 Hi
edof_focus_distance
16UI
00.32
RW
Value supplied by the host which is
used by VX6854LC for focus distance.
(in cm)
0x0000 to 0x7FFF - manual mode
0x8000 to 0xFFFF - auto mode
0x0B89 Lo
0x0B8A
edof_estimation_control
8UI
00
RW
EDoF estimator control
0 - uniform
1 - uniform
2 - centre weight
4 - large spot
8 - narrow spot
Table 28. EDoF registers [0x0B80 to 0x0B8A] (continued)
Index
Byte
Register name
Data type Default Type
Comment
Table 29. Color feedback registers [0x0B8C to 0x0B95]
Index
Byte
Register name
Data type Default Type
Comment
0x0B8C Hi
colour_temperature
16SR
00.00
RW
Not supported by VX6854LC
0x0B8D Lo
0x0B8E Hi
host_WB_stats_green_red
16UR
01.00
RW
White balance gains to be applied by
the host. These stats are used by the
EDOF and the adaptive AV to estimate
the color temperature of the scene.
0x0B8F Lo
0x0B90 Hi
host_WB_stats_red
16UR
01.00
RW
0x0B91 Lo
0x0B92 Hi
host_WB_stats_blue
16UR
01.00
RW
0x0B93 Lo
0x0B94 Hi
host_WB_stats_green_blue
16UR
01.00
RW
0x0B95 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com