Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 90 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 90 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 86Page - STMicroelectronics VX6854LC Datasheet HTML 87Page - STMicroelectronics VX6854LC Datasheet HTML 88Page - STMicroelectronics VX6854LC Datasheet HTML 89Page - STMicroelectronics VX6854LC Datasheet HTML 90Page - STMicroelectronics VX6854LC Datasheet HTML 91Page - STMicroelectronics VX6854LC Datasheet HTML 92Page - STMicroelectronics VX6854LC Datasheet HTML 93Page - STMicroelectronics VX6854LC Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
EDoF control
VX6854LC
90/114
DocID027110 Rev 2
10.3.4
EDoF focus distance (0x0B88)
For automatic mode, the value range is 0x8000 to 0xFFFF. Whatever value is selected
within this range, automatic distance estimation will be enabled. ST recommend setting the
EDoF estimation mode to automatic mode. In this mode, when the user selects application
mode, the EDoF processing will automatically use the last estimate of the focus distance
obtained in estimation mode.
For manual mode, the value to be set in the register is the value of the distance in cm. The
range is 0x0000 to 0x7FFF. If you want to use one of the following modes, apply the
following values:
•
Super macro mode: 0 to 29 cm
•
Macro mode: 30 to 49 cm
•
Portrait: 50 to 119 cm
•
Landscape: 120 to 32767 cm
Whatever value is selected within a particular range will produce the same result. For
example, applying any value between 0 and 29 selects Super macro mode and produces
the same result in the final image.
Super macro mode only works in manual mode. Refer to Section 10.4: Super macro mode
for more detailed information.
Procedure to test distance estimation
Reference test scene: black and white chart (for example SFR chart or ISO12233), under
D65 illuminant, minimal analog gain.
Ensure that the streaming frames are correctly exposed and that the white balance gains
are written to the sensor.
Place the sensor at the minimum distance (that is, lower macro range distance) and then
move the module gradually away from the scene
The estimated distance should change according to the distances quoted below:
•
Macro mode: 30 cm
•
Portrait: 50 cm
•
Landscape: 120 cm
Note:
1
There is always an overlap between two consecutive modes, it might therefore be possible
that the mode switch may not be exactly done at the given boundary.
2
The distances quoted above are given for D65, results may vary slightly for other
illuminants. For instance, if the switch is 50 cm in Daylight, it is closer to 40 cm for tungsten
illuminants.
3
It’s not always possible to shoot charts at landscape distances. In this particular case, shoot
an outdoor image with objects at infinity: the estimated distance should be landscape.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com