Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 40 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 36Page - STMicroelectronics VX6854LC Datasheet HTML 37Page - STMicroelectronics VX6854LC Datasheet HTML 38Page - STMicroelectronics VX6854LC Datasheet HTML 39Page - STMicroelectronics VX6854LC Datasheet HTML 40Page - STMicroelectronics VX6854LC Datasheet HTML 41Page - STMicroelectronics VX6854LC Datasheet HTML 42Page - STMicroelectronics VX6854LC Datasheet HTML 43Page - STMicroelectronics VX6854LC Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
Register map
VX6854LC
40/114
DocID027110 Rev 2
4.16
Defect correction registers [0x0B05 to 0x0B09]
4.17
EDoF registers [0x0B80 to 0x0B8A]
Table 27. Defect correction registers [0x0B05 to 0x0B09]
Index
Byte
Register name
Data type Default Type
Comment
0x0B05
mapped_couplet_correct_ena
ble
8UI
01
RW
Mapped couplet correction
0 - Disable
1 - Enable
0x0B06
single_defect_correct_enable
8UI
01
RW
Single defect correction
0 - Disable
1 - Enable
0x0B07
single_defect_correct_weight
8UI
40
RW
Single defect correction weight
1-127 manual mode
Bit[7]=1 auto, weight varies with
analog gain
0x0B08
dynamic_couplet_correct_ena
ble
8UI
00
RW
Dynamic couplet correction
0 - Disable
1 - Enable
(Note: If enabled, the single defect
correction will also be enabled).
0x0B09
dynamic_couplet_correct_wei
ght
8UI
00
RW
Not used in VX6854LC
Table 28. EDoF registers [0x0B80 to 0x0B8A]
Index
Byte
Register name
Data type Default Type
Comment
0x0B80
edof_mode
8UI
00
RW
EDoF control
0 - EDoF disabled (power saving)
1 - EDoF application (Capture)
2 - EDoF estimation (Preview)
0x0B81
edof_est_depth_of_field
8UI
00
RO
Not used in VX6854LC
0x0B82
edof_est_focus_distance
8UI
32
RO
The estimated focus point (cm)
0x0B83
edof_sharpness
8UI
00
RW
EDoF sharpness control
1-127 - manual mode
128-255 - signed offset added to
internal default value.
0x0B84
edof_denoising
8UI
00
RW
EDoF denoising control
1-127 - manual mode
128-255 - signed offset added to
internal default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com