Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 73 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 69Page - STMicroelectronics VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics VX6854LC Datasheet HTML 74Page - STMicroelectronics VX6854LC Datasheet HTML 75Page - STMicroelectronics VX6854LC Datasheet HTML 76Page - STMicroelectronics VX6854LC Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
DocID027110 Rev 2
73/114
VX6854LC
Electrical characteristics
80
7.3.3
Power supply ripple requirement
It is recommended that the application meets the following requirements on the power
supply signal in 10 kHz to 1.4 MHz.
7.4
System clock - EXTCLK
7.5
Power down control - XSHUTDOWN
Table 53. Ripple requirement
Symbol
Parameter
Max.
Unit
Ripple_VANA
Peak to peak max ripple on analogue power
supply (
10 kHz to 1.4 MHz)
6mV
Ripple_VDIG
Peak to peak max ripple on digital power
supply
50
mV
Table 54. System clock - EXTCLK
Symbol
Parameter
Min.
Max.
Unit
Leakage current
4(1)
1.
With DC coupled square wave clock.
30(2)
2.
With DC VDIG applied.
μA
VCL
DC coupled square wave low level
0
0.3 * VDIG
V
VCH
DC coupled square wave high level
0.7 VDIG
VDIG+0.5V
V
VCAC
AC coupled sine wave
0.5
1.2
V
fEXTCLK
Clock frequency input
6.0 - 1%(3)
3.
Nominal frequencies are 6.0 to 27 MHz with a 1% centre frequency tolerance. Tested at characterization
only.
27 + 1%(3)
MHz
Duty cycles Clock frequency duty cycles
40
60
%
Input jitter
EXTCLK input jitter
-
Refer to Jitter
application
note(4)
4.
STMicroelectronics will provide upon request an application note detailing the EXTCLK input jitter
requirements.
ps
Table 55. Power down control - XSHUTDOWN
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
0
-
0.3 * VDIG
V
VIH
High level input voltage
0.7 * VDIG
-
VANA
V
IL
Input leakage current(1)
1.
With VGND
≤ VXSHUTDOWN ≤ VDIG
-15
15
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com