Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 72 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 72 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 68Page - STMicroelectronics VX6854LC Datasheet HTML 69Page - STMicroelectronics VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics VX6854LC Datasheet HTML 74Page - STMicroelectronics VX6854LC Datasheet HTML 75Page - STMicroelectronics VX6854LC Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
Electrical characteristics
VX6854LC
72/114
DocID027110 Rev 2
7.3.2
Power supply (peak current) - VDIG, VANA
The peak current (in-rush) consumption of the sensor module is defined as any current
pulse >=10
μs. The duty cycle of the peak to the low part of the current profile is 33% with a
worst-case period of 500
μs.
for
Table 51. In-rush current VDIG, VANA for CCP2 interface
Parameter
Digital
Analog
Unit
Typical
Maximum
Typical
Maximum
Boot clock peak current(1)
1.
This corresponds to the transient current when XSHUTDOWN is powered up and the sensor is being set
SW_Standby mode. Max value is given for Max VDD and 70c temperature. Typical value is for 25C and
VDD is set to nominal value.
70
100
190
200
mA
Start streaming current(2)
2.
When the sensor is changed from Software standby to Streaming mode. Max value is given for Max VDD
and 70c temperature. Typical value is for 25C and VDD is set to nominal value.
60
85
190
200
mA
Stop streaming current(3)
3.
When the sensor is changed from streaming to Software standby. Max value is given for Max VDD and 70c
temperature. Typical value is for 25C and VDD is set to nominal value.
150
160
80
90
mA
In streaming mode while changing
sensor settings
150
190
90
90
mA
Table 52. In-rush current VDIG, VANA for CSI-2 interface
Parameter
Digital
Analog
Unit
Typical
Maximum
Typical
Maximum
Boot clock peak current(1)
1.
This corresponds to the transient current when XSHUTDOWN is powered up and the sensor is being set
SW_Standby mode. Max value is given for Max VDD and 70c temperature. Typical value is for 25C and
VDD is set to nominal value.
110
135
210
220
mA
Start streaming current(2)
2.
When the sensor is changed from Software standby to Streaming mode. Max value is given for Max VDD
and 70c temperature. Typical value is for 25C and VDD is set to nominal value.
150
230
135
160
mA
Stop streaming current(3)
3.
When the sensor is changed from streaming to Software standby. Max value is given for Max VDD and 70c
temperature. Typical value is for 25C and VDD is set to nominal value.
160
190
140
140
mA
In streaming mode while changing
sensor settings
190
230
140
140
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com