Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 69 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 65Page - STMicroelectronics VX6854LC Datasheet HTML 66Page - STMicroelectronics VX6854LC Datasheet HTML 67Page - STMicroelectronics VX6854LC Datasheet HTML 68Page - STMicroelectronics VX6854LC Datasheet HTML 69Page - STMicroelectronics VX6854LC Datasheet HTML 70Page - STMicroelectronics VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 114 page
background image
DocID027110 Rev 2
69/114
VX6854LC
Video timing
69
6.5.2
Digital gain
To help compensate for the relatively coarse analogue gain steps, VX6854LC contains a
digital multiplier to “fill” in the missing steps. By mixing analogue and digital gain it is
possible to implement 3% gain steps across the full 1x to 16x gain range
The details of the digital gain implementation are:
•
four individual 16-bit digital channel gains (one per Bayer channel)
–
digital_gain_greenR (0x020E and 0x020F)
–
digital_gain_red (0x0210 and 0x0211)
–
digital_gain_blue (0x0212 and 0x0213)
–
digital_gain_greenB (0x0214 and 0x0215)
•
the digital gain range for each channel is 1.000 to 1.96875 in steps of 0.03125 (1/32),
that is, 5 fractional bits
–
digital_gain_min {0x1084:0x1085} = 0x0100 (1.00)
–
digital_gain_max {0x1086:0x1087} = 0x01F8 (1.96875)
–
digital_gain_step {0x1088:0x1089} = 0x0008 (0.03125)
6.5.3
Integration and gain parameter re-timing
The modification of exposure parameter (coarse, fine, clock division or gain) register values
does not take effect immediately.
The exact time at which changes to certain parameters take effect is controlled both to
ensure that each frame of image data produced has consistent settings and that changes in
groups of related parameters are synchronized.
To eliminate the possibility of the sensor array seeing only part of the new exposure and
gain setting, if the serial interface communications extends over a frame boundary, the
internal re-timing of exposure and gain data is disabled while writing data to the serial
interface register map. Thus if the 5 bytes of exposure and gain data is sent as an auto-
increment CCI sequence, it is not possible for the sensor to consume only part of the new
exposure and gain data.
However if it is not possible for the host to use auto-increment CCI register accesses and
only discrete register accesses are possible then the VX6854LC has a mechanism to
temporarily suspend the automatic application of updated exposure register values.
A group of parameter changes is marked by the host using a dedicated Boolean control
parameter, grouped_parameter_hold (register 0x0104). Any changes made to “retimed”
parameters while the grouped_parameter_hold signal is in the “hold” state will be
considered part of the same group. Only when the grouped_parameter_hold control signal
is moved back to the default “no-hold” state should the group of changes be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com