Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 88 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 88 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 84Page - STMicroelectronics VX6854LC Datasheet HTML 85Page - STMicroelectronics VX6854LC Datasheet HTML 86Page - STMicroelectronics VX6854LC Datasheet HTML 87Page - STMicroelectronics VX6854LC Datasheet HTML 88Page - STMicroelectronics VX6854LC Datasheet HTML 89Page - STMicroelectronics VX6854LC Datasheet HTML 90Page - STMicroelectronics VX6854LC Datasheet HTML 91Page - STMicroelectronics VX6854LC Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
EDoF control
VX6854LC
88/114
DocID027110 Rev 2
need to be corrected when images are downscaled. No focus distance estimates are
performed in application mode, even in multi-shot mode.
For preview mode, set the 0x0b80 register in estimation mode
0x0b80 = 0x02; // EDOF enabled for estimation mode
For capture mode, set the 0x0b80 register in application mode
0x0b80 = 0x01; // EDOF enabled for application mode
Note:
Before enabling application mode, estimation mode has to be applied for a minimum of one
frame so as to estimate the EDoF focus distance. This information is used in application
mode when the image data is corrected. If estimation mode is not enabled prior to
application mode, no correction will be applied to the snapshot image.
10.3.2
EDoF_est_focus_distance (0x0B82)
The edof_est_focus_distance register (0x0B82) is READ ONLY. This register tells the user
the estimated focus point (cm) that the EDoF function has calculated.
10.3.3
EDoF tuning sliders (0xB83 to 0x0B85)
The three key registers for the end user tuning are the sharpness, denoising and noise
versus detail registers.
•
edof_sharpness (0x0B83)
Value ranges from 0 to 127. The higher the value the more sharpening is applied.
Higher values result in high contrasted edges being more sharpened but the noise level
in uniform areas will not suffer.
Figure 33. Example images with different settings for sharpness slider
Sharpness=0x00
Sharpness=0x60
Sharpness=0x40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com