Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 49 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 45Page - STMicroelectronics VX6854LC Datasheet HTML 46Page - STMicroelectronics VX6854LC Datasheet HTML 47Page - STMicroelectronics VX6854LC Datasheet HTML 48Page - STMicroelectronics VX6854LC Datasheet HTML 49Page - STMicroelectronics VX6854LC Datasheet HTML 50Page - STMicroelectronics VX6854LC Datasheet HTML 51Page - STMicroelectronics VX6854LC Datasheet HTML 52Page - STMicroelectronics VX6854LC Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
DocID027110 Rev 2
49/114
VX6854LC
Register map
69
4.26
Binning capability registers [0x1700 to 0x1719]
4.27
Data transfer capability registers [0x1800 to 0x1800]
Table 37. Binning capability registers [0x1700 to 0x1719]
Index
Byte
Register name
Data type Default Type
Comment
0x1700
binning_capability
8UI
01
RO
VX6854LC supports binning
0x1701
binning_sub_type
8UI
02
RO
VX6854LC supports two binning types
0x1702
binning_type_1
8UI
22
RO
Binning type is 2x2 (col x row)
0x170B
binning_weighting_capability
8UI
05
RO
VX6854LC supports averaged and
bayer corrected weighting
0x170C Hi
min_frame_length_lines_bin
16UI
00.19
RO
Minimum Frame Length allowed in
binning mode.
Units: Lines
0x170D Lo
0x170E Hi
max_frame_length_lines_bin
16UI
FF.FF
RO
Maximum possible number of lines per
Frame allowed in binning mode.
Units: Lines
0x170F
Lo
0x1710
Hi
min_line_length_pck_bin
16UI
09.C4
RO
Minimum Line Length allowed in
binning mode.
Units: Pixel Clocks
0x1711
Lo
0x1712
Hi
max_line_length_pck_bin
16UI
3F.FF
RO
Maximum possible number of pixel
clocks per line. allowed in binning
mode
Units: Pixel Clocks
0x1713
Lo
0x1714
Hi
min_line_blanking_pck_bin
16UI
05.A6
RO
Minimum line blanking time in pixel
clocks allowed in binning mode
Units: Pixel Clocks
0x1715
Lo
0x1716
Hi
fine_integration_time_min_bin
16UI
03.86
RO
Minimum fine integration time.
Pixel periods allowed in binning mode.
Value should be 0x0197 for 2x2
0x1717
Lo
0x1718
Hi
fine_integration_time_max_
margin_bin
16UI
06.3E
RO
Current line length – current max fine
exposure allowed in binning mode.
Pixel periods.
Value should be 0x080F for 2x2
0x1719
Lo
Table 38. Data transfer capability registers [0x1800 to 0x1800]
Index
Byte
Register name
Data type Default Type
Comment
0x1800
data_xfer_if_capability
8UI
0D
RO
VX6854LC supports interface 1 and
requires polling for both read and
write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com