Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 91 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 91 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 87Page - STMicroelectronics VX6854LC Datasheet HTML 88Page - STMicroelectronics VX6854LC Datasheet HTML 89Page - STMicroelectronics VX6854LC Datasheet HTML 90Page - STMicroelectronics VX6854LC Datasheet HTML 91Page - STMicroelectronics VX6854LC Datasheet HTML 92Page - STMicroelectronics VX6854LC Datasheet HTML 93Page - STMicroelectronics VX6854LC Datasheet HTML 94Page - STMicroelectronics VX6854LC Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
DocID027110 Rev 2
91/114
VX6854LC
EDoF control
102
10.3.5
EDoF estimation control (0x0B8A)
This register selects the region of interest (ROI) on which to apply the distance estimation
processing. Four different ROIs are available:
0 or 1: uniform
2: center-weighted
4: spot- large
8: spot narrow
Considering the above order, with increasing values, the estimation will increasingly focus
on objects in the centre of the image. The processing time is identical for all cases.
Figure 36. Focus strategy weightings
10.4
Super macro mode
Unlike the other modes (macro, portrait and landscape), super macro mode cannot be
managed by the automated distance range estimator. The reason is that at distances below
30 cm, there is very little information in green and red channels though there is a significant
energy in the blue channel. The distance estimator needs the four color channel information
to estimate the distance. Below 30 cm, unless the distance is manually programmed using
register 0x0B88, the EDoF correction will not be accurate.
For text or bar code reading, a monochromatic image can be used. EDoF super macro
mode can be used for that purpose as the EDoF reconstruction engine would use the blue
channel information to calculate the suitable sharpness and denoising.
To enable super macro mode, the user has to program manually the register 0x0B88 to set
a value for distances below 30 cm. The register value being the value of the distance in cm.
It is important to note that as the super macro mode uses one color channel, the HOST has
to consider using only the blue channel information to build a monochromatic image and the
following features need to be disabled or restricted:
•
lens shading correction: only apply blue channel correction
•
disable white balance correction in the host: the white balance gains must still be
calculated and written to the sensor
•
no demosaicing
•
disable any 4 channel gain dependant block in the HOST
•
apply black and white matrix, rather than color matrix. (0 1 0, 0 1 0, 0 1 0)
Narrow spot
Large spot
Center
32
2
2
2
2
2 22
1 1 1 1 1
1
1
1
1
1
1
1
1
1
1
1
1
0 0 00 0
0 0 0 0 0
0 0
0 0
0 0 0 0 0
00 00 0
1
0 0 00 0
0
0
0
0
0
0
00 00 0
1 1 1
1
1
1 1 1
Uniform
1 1 1 1 1
11 11 1
11 1 11
11 1 1 1
11 1 11
The image is arranged as 5x5 regions for the weightings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com