Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 37 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 33Page - STMicroelectronics VX6854LC Datasheet HTML 34Page - STMicroelectronics VX6854LC Datasheet HTML 35Page - STMicroelectronics VX6854LC Datasheet HTML 36Page - STMicroelectronics VX6854LC Datasheet HTML 37Page - STMicroelectronics VX6854LC Datasheet HTML 38Page - STMicroelectronics VX6854LC Datasheet HTML 39Page - STMicroelectronics VX6854LC Datasheet HTML 40Page - STMicroelectronics VX6854LC Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
DocID027110 Rev 2
37/114
VX6854LC
Register map
69
4.9
Image compression registers [0x0500 to 0x05FF]
4.10
Test pattern registers [0x0600 to 0x06FF]
Table 20. Image compression registers [0x0500 to 0x05FF]
Index
Byte
Register name
Data type Default Type
Comment
0x0500 Hi
compression_mode
16UI
00.01
RO
1 – DPCM/PCM compression
(simple predictor)
0x0501 Lo
Table 21. Test pattern registers [0x0600 to 0x06FF]
Index
Byte
Register name
Data type Default Type
Comment
0x0600 Hi
test_pattern_mode
16C
00.00
RW
0 – Normal operation (default)
1 – solid colour bars(1)
2 – 100% colour bars(1)
3 – fade to grey’ color bars(1)
4 – PN9(2)
5 to 255 - reserved
0x0601 Lo
0x0602 Hi
test_data_red
16UI
00.00
RW
The test data used to replace red pixel
data. Range 0 to 1023.(3)
0x0603 Lo
0x0604 Hi
test_data_greenR
16UI
00.00
RW
The test data used to replace green
pixel data on rows that also have red
pixels. Valid range 0 to 1023.(1)
0x0605 Lo
0x0606 Hi
test_data_blue
16UI
00.00
RW
The test data used to replace blue
pixel data. Range 0 to 1023(1)
0x0607 Lo
0x0608 Hi
test_data_greenB
16UI
00.00
RW
The test data used to replace green
pixel data on rows that also have blue
pixels. Range 0 to 1023(1).
0x0609 Lo
0x060A Hi
horizontal_cursor_width
16UI
00.00
RW
Defines the width of the horizontal
cursor (in pixels).
0x060B Lo
0x060C Hi
horizontal_cursor_position
16UI
00.00
RW
Defines the top edge of the horizontal
cursor.
0x060D Lo
0x060E Hi
vertical_cursor_width
16UI
00.00
RW
Defines the width of the vertical cursor
(in pixels).
0x060F Lo
0x0610 Hi
vertical_cursor_position
16UI
00.00
RW
Defines the left hand edge of the
vertical cursor. A value of 0x0FFF
switches the vertical cursor into
automatic mode where it automatically
advances every frame.
0x0611 Lo
1.
On cut2.x silicon, the pedestal value of 64d will be added to the pixel value. To disable the pedestal, set 0x31D0= 00,
0x31E8=0, 0x3120=0x00. (The lens shading block must also be disabled).
2.
This mode must be entered and exited via software standby. The embedded data lines will also be output.
3.
Some clipping of these values may occur to prevent false sync codes being generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com